データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME18ZBD-R

  • AI
    The **ME18ZBD-R** is an electronic component primarily classified as a **N-Channel Enhancement Mode MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor). It is commonly used in power management, battery protection circuits, and DC-DC converters due to its efficiency and compact form factor. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for this part (based on standard manufacturer datasheets for the ME18ZBD series): | Feature | Specification (Typical) | | :--- | :--- | | **Transistor Type** | N-Channel | | **Drain-Source Voltage ($V_{DSS}$)** | 30V | | **Continuous Drain Current ($I_D$)** | ~15A to 18A (depends on cooling) | | **Gate-Source Voltage ($V_{GS}$)** | ±20V | | **Static Drain-Source On-Resistance ($R_{DS(ON)}$)** | < 18mΩ @ $V_{GS}$ = 10V | | **Package Type** | DFN 3.3x3.3 / PowerDFN | | **Configuration** | Single N-Channel | --- ### 2. Functional Electronic Sections To understand how the ME18ZBD-R operates internally, we can break it down into three main electronic structures: #### A. The Gate (Control Interface) The Gate acts as the "switch" handle. Because it is an **Enhancement Mode** MOSFET, the device is "Normally OFF." It requires a positive voltage relative to the Source to create a conductive channel between the Drain and Source. #### B. The Channel (Conductive Path) When the Gate voltage exceeds the threshold ($V_{GS(th)}$), electrons accumulate under the gate oxide, forming an N-type channel. The **Low $R_{DS(ON)}$** is the most critical feature here; it ensures that very little energy is lost as heat when the transistor is fully "ON." #### C. The Body Diode Like most MOSFETs, the ME18ZBD-R includes an integrated **Parasitic Body Diode**. This is an intrinsic part of the semiconductor structure that allows current to flow from Source to Drain even when the gate is off, which is useful for inductive load protection (freewheeling). --- ### 3. Common Applications This part is specifically engineered for high-density power applications: * **Battery Protection:** Used in BMS (Battery Management Systems) for Li-ion packs to disconnect the load during over-discharge. * **Load Switching:** Turning peripheral power rails on or off in laptops and tablets. * **PWM Control:** High-speed switching in DC-to-DC buck converters to regulate voltage. --- ### 4. Circuit Symbol Representation In a schematic, the ME18ZBD-R is represented as follows: ```text Drain (D) | ______|______ | | | G-| ||--| | (Body Diode) | ||<-|------| ______|______ | Source (S) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation (Pd) allowed for the ME18ZBD-R?
    • ⤷ How does the gate-source threshold voltage (Vgs(th)) affect its switching behavior?
    • ⤷ Are there any P-channel equivalents recommended for use alongside this N-channel MOSFET?