データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME22XAG-R

  • AI
    The **ME22XAG-R** is an absolute magnetic encoder sensor head manufactured by **Magnescale** (formerly Sony Precision Technology). It is designed for high-precision position sensing in industrial automation, robotics, and CNC machinery. Below is a detailed breakdown of its electronic parts, technical specifications, and operational characteristics. ### 1. Technical Specifications Overview The ME22XAG-R is part of the Magnescale "Magnesensor" series, known for its robustness against oil, water, and vibration compared to optical encoders. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Absolute Magnetic Encoder (Sensor Head) | | **Output Protocol** | SSI (Synchronous Serial Interface) or Panasonic Protocol | | **Resolution** | 0.5 μm to 1 μm (depending on the interpolator/scale) | | **Accuracy** | High-precision magnetic detection | | **Protection Class** | IP67 (Resistant to coolant, oil, and dust) | | **Connection Type** | Radial Cable Exit | --- ### 2. Core Electronic Components The internal architecture of the ME22XAG-R consists of several critical electronic sub-systems: #### A. Magnetoresistive (MR) Element The heart of the device is a **Magnetoresistive sensor array**. Unlike optical sensors that use LEDs and photodiodes, this part detects changes in the magnetic field flux generated by a magnetic scale (e.g., the SL700 series). * **Benefit:** It is immune to light interference and can operate in opaque fluids. #### B. Signal Processing & Interpolation IC The raw analog signals from the MR element are processed internally. * **A/D Conversion:** Converts the analog sine/cosine magnetic waves into digital signals. * **Interpolation:** Multiplies the signal to achieve sub-micron resolution. * **Error Correction:** Compensates for signal offset and gain imbalances to ensure linearity. #### C. Output Driver (Differential Signaling) To ensure data integrity over long cable runs in noisy industrial environments, the ME22XAG-R uses differential line drivers. * **Standard:** RS-422 compliant. * **Function:** Transmits high-speed clock and data signals with high noise immunity. --- ### 3. Wiring and Pinout Configuration The "R" in the suffix typically denotes a **radial** cable orientation. The cable usually contains several twisted pairs for power and data. | Wire Color | Signal Function | Description | | :--- | :--- | :--- | | **Brown** | Vcc | Power Supply (+5V DC ±5%) | | **White** | 0V | Ground (GND) | | **Yellow** | Data (+) | Positive Serial Data Output | | **Orange** | Data (-) | Negative Serial Data Output | | **Green** | Clock (+) | Positive SSI Clock Input | | **Blue** | Clock (-) | Negative SSI Clock Input | | **Shield** | FG | Frame Ground / Shielding | --- ### 4. Integration Requirements To function correctly, the ME22XAG-R requires two additional components: 1. **Magnetic Scale:** Usually paired with the **SL700** or **PL101** series magnetic scales. 2. **Controller/Drive:** Must support **SSI (Synchronous Serial Interface)**. This is common in PLCs (Siemens, Beckhoff) and high-end Servo Drives (Yaskawa, Mitsubishi). --- ### 5. Key Advantages * **Non-Contact Sensing:** No mechanical wear, leading to a longer lifespan. * **Environmental Resilience:** Because it uses magnetism, it is unaffected by condensation or metal chips, making it ideal for metal-cutting environments. * **Absolute Position:** Unlike incremental encoders, it knows its exact position immediately upon power-up without needing a "home" return sequence.
    ✨ Follow-up Questions
    • ⤷ What are the compatible magnetic scales for the ME22XAG-R?
    • ⤷ How do I troubleshoot signal loss in an SSI magnetic encoder?
    • ⤷ What is the maximum cable length supported for the ME22XAG-R signal transmission?