データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME22XBA-R

  • AI
    The **ME22XBA-R** is an **Optical Rotary Encoder** manufactured by **MinebeaMitsumi**. This component is primarily used for motion control, position sensing, and velocity feedback in industrial automation and precision office equipment. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. Key Technical Specifications The "ME" series generally refers to high-precision optical encoders. Here are the typical specifications for the ME22XBA-R: | Parameter | Specification | |:---|:---| | **Type** | Incremental Optical Encoder | | **Output Channels** | A, B phase (Quadrature) | | **Resolution** | Typically 200 to 500 CPR (Counts Per Revolution) | | **Supply Voltage (Vcc)** | 5.0 VDC ± 10% | | **Output Type** | Voltage Output (TTL Compatible) | | **Shaft Diameter** | 2.0 mm (Approx.) | | **Outer Diameter** | 22 mm | --- ### 2. Internal Electronic Components The device operates using a combination of optoelectronic and mechanical parts: #### A. The Optical Sensor (Photo-Interrupter) This is the "heart" of the encoder. It contains an **Infrared LED (Emitter)** and a **Photodetector (Receiver)** array. As the internal disk spins, it interrupts the light beam, converting physical rotation into electrical pulses. #### B. The Code Disk (Slotted Disk) A precision-engineered plastic or metal disk with fine radial slots. The number of slots determines the **Resolution** of the encoder. The "ME22" size suggests a compact 22mm form factor housing this disk. #### C. Signal Processing Circuitry The ME22XBA-R includes an internal IC that performs: * **Amplification:** Boosting the weak signal from the photodetector. * **Digitization:** Converting analog sine waves into clean square waves (TTL logic). * **Quadrature Encoding:** Generating two signals (Phase A and B) offset by 90°. This allows the controller to determine the **direction** of rotation. --- ### 3. Pin Configuration (Interface) While specific pinouts can vary by sub-revision, a standard ME22 series encoder typically utilizes a 4-pin or 5-pin connector: 1. **Vcc:** Power Input (+5V). 2. **GND:** Ground. 3. **Channel A:** Pulse output for speed/position. 4. **Channel B:** Pulse output (90° phase shift) for direction. 5. **Z (Index):** (Optional in some models) Provides one pulse per full revolution. --- ### 4. Common Applications Due to its small footprint and reliability, the ME22XBA-R is commonly found in: * **DC Servo Motors:** For closed-loop feedback. * **Printers/Copiers:** To control paper feed rollers or scan head movement. * **Medical Equipment:** For precise dosage or pump control. * **Robotics:** For joint angle sensing.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an incremental and absolute encoder?
    • ⤷ How do I wire a 5V encoder to a 3.3V microcontroller like an ESP32?
    • ⤷ Can the ME22XBA-R be used for high-speed motor applications?