データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME22ZAD-R

  • AI
    ## Overview of ME22ZAD-R The **ME22ZAD-R** is a specific model within the **ME22 series** of high-performance, magnetic absolute encoders. These parts are primarily used in industrial automation, robotics, and motor feedback systems where precise position sensing is required. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Type** | Magnetic Absolute Encoder | | **Output Interface** | SSI (Synchronous Serial Interface) / BiSS-C | | **Resolution** | Up to 17-bit (Single-turn) | | **Operating Voltage** | 5V DC ± 10% | | **Dimensions** | Compact form factor (22mm diameter) | | **Operational Temperature** | -40°C to +105°C | --- ### Key Electronic Components & Functions #### 1. Magnetic Sensing Element (Hall Effect Array) The "heart" of the ME22ZAD-R is a sophisticated Hall-effect sensor array. Unlike optical encoders that use light and glass disks, this part detects changes in the magnetic field generated by a permanent magnet attached to the rotating shaft. * **Advantage:** High resistance to dust, oil, and vibrations. #### 2. Signal Processing ASIC Inside the encoder, a custom **Application-Specific Integrated Circuit (ASIC)** processes the raw analog signals from the magnetic sensors. * **Interpolation:** It converts the raw sine/cosine magnetic waves into high-resolution digital data. * **Error Correction:** It compensates for magnetic field non-linearity and misalignment. #### 3. Communication Interface (SSI/BiSS) The "ZAD" suffix typically denotes the communication protocol capabilities. * **SSI (Synchronous Serial Interface):** Provides a reliable, point-to-point digital connection for transmitting position data. * **BiSS-C:** A bidirectional, open-source protocol that allows for high-speed data transfer and diagnostic feedback. #### 4. Protection Circuitry The device includes internal surface-mount components for: * **ESD Protection:** Safeguarding against static discharge. * **Reverse Polarity Protection:** Preventing damage if the power supply is connected incorrectly. --- ### Comparison: Magnetic vs. Optical Encoders | Feature | ME22ZAD-R (Magnetic) | Standard Optical Encoder | | :--- | :--- | :--- | | **Durability** | High (Immune to contaminants) | Lower (Sensitive to dust/moisture) | | **Size** | Compact (22mm) | Generally larger | | **Reliability** | Excellent in harsh environments | High precision but fragile | | **Cost** | Typically more cost-effective | Expensive high-precision disks | --- ### Typical Applications * **Servo Motors:** Providing feedback for precise motion control. * **Robotic Joints:** Monitoring the exact angle of robot arms. * **Medical Equipment:** Used in surgical robots and imaging tables where space is limited. * **AGVs (Automated Guided Vehicles):** Steering and drive motor positioning.
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the ME22ZAD-R connector?
    • ⤷ How does BiSS-C communication differ from standard SSI in this model?
    • ⤷ What are the mounting requirements for the magnet relative to the sensor?