データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME22ZAX-R

  • AI
    Based on the part number **ME22ZAX-R**, this component is a **Potentiometer** (variable resistor) typically manufactured by companies like **Noble** or **Teptronics**. It is widely used in high-end audio equipment for volume, tone, or balance control. ### 1. Technical Specifications The code "ME22ZAX-R" describes specific mechanical and electrical characteristics: | Parameter | Specification Details | | :--- | :--- | | **Component Type** | Rotary Potentiometer | | **Resistive Element** | Carbon Composition / Film | | **Resistance Value** | Variable (Typically 10kΩ to 100kΩ depending on sub-suffix) | | **Taper Type** | Audio (Logarithmic) or Linear (Determined by specific suffix) | | **Mechanical Angle** | ~300 Degrees | | **Body Diameter** | 22mm (Standard size) | | **Features** | Motorized (ZAX series often refers to motorized versions) | --- ### 2. Key Features * **Motorized Operation:** The "ZAX" designation often indicates that the potentiometer is equipped with a small DC motor. This allows the volume to be controlled via a remote control (turning the knob physically) or manually by hand. * **Multi-Gang Configuration:** These parts are often "Stereo" (Dual-gang), meaning they control two audio channels simultaneously with a single shaft. * **Durability:** Designed for high-fidelity (Hi-Fi) audio, offering low noise during rotation and a long rotational life (typically 15,000+ cycles). --- ### 3. Pinout and Connection While specific pinouts can vary by the exact revision, a standard 22mm motorized potentiometer generally follows this layout: | Pin Set | Function | | :--- | :--- | | **Terminals 1-3** | Channel A (Input, Wiper, Ground) | | **Terminals 4-6** | Channel B (Input, Wiper, Ground) | | **Motor Terminals** | Two separate pins at the rear for DC voltage (+/-) | --- ### 4. Common Applications * **Integrated Amplifiers:** Used as the main volume control. * **AV Receivers:** Allows for remote-controlled analog volume adjustment. * **Mixing Consoles:** High-quality gain or level adjustments. --- ### 5. Maintenance Note If the part is "scratchy" or making noise in an older device, it can often be cleaned using specialized electronic contact cleaners (like DeoxIT). However, because these are often sealed units, replacement is preferred if the carbon track is worn.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value printed on your specific ME22ZAX-R unit?
    • ⤷ How do you wire the motor pins for remote volume control?
    • ⤷ Are there compatible modern replacements for this vintage Noble potentiometer?