データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME22ZBD-R

  • AI
    The **ME22ZBD-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are widely used in power management circuits to store energy in a magnetic field and filter noise. --- ### 1. Key Technical Specifications The "ME" series generally refers to high-current power inductors designed for DC-DC converters. Below are the estimated technical parameters for this specific part type: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | SMD Shielded Power Inductor | | **Inductance Range** | Varies by sub-code (typically 1.0µH to 100µH) | | **Mounting Type** | Surface Mount (SMT) | | **Construction** | Ferrite Core with Magnetic Shielding | | **Operating Temp** | -40°C to +125°C | --- ### 2. Functional Characteristics The "R" suffix often denotes **RoHS compliance** (Lead-free), and the "Z" indicates a specific core material or high-impedance characteristic. * **Magnetic Shielding:** The part is shielded to reduce Electromagnetic Interference (EMI), preventing the inductor's magnetic field from affecting nearby sensitive components on the PCB. * **High Saturation Current:** Designed to handle significant current spikes without the inductance dropping off sharply. * **Low DC Resistance (DCR):** Minimizes power loss as heat, increasing the overall efficiency of the power supply. --- ### 3. Common Applications This part is typically found in the following electronic systems: 1. **DC-DC Converters:** Buck or Boost converters in mobile devices. 2. **Laptops/Tablets:** Power rails for CPUs and GPUs. 3. **LED Drivers:** Providing stable current for backlighting. 4. **Automotive Electronics:** Used in infotainment or sensor power modules (if AEC-Q200 qualified). --- ### 4. Typical Internal Construction ```cpp // Visual representation of the Inductor structure [ Ferrite Shield ] ------------------ [ Copper Winding ] <-- Energy Storage ------------------ [ Ferrite Core ] <-- Magnetic Flux Path ------------------ [ Solder Pads ] <-- Electrical Interface ```
    ✨ Follow-up Questions
    • ⤷ What are the dimensions (footprint) of the ME22ZBD-R?
    • ⤷ What is the specific inductance value for the 'R' variant?
    • ⤷ Which manufacturers produce this specific part number?