データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME23XBD-R

  • AI
    The **ME23XBD-R** is a specific electronic component, typically categorized as a **N-Channel Enhancement Mode Field Effect Transistor (MOSFET)**. It is commonly used in power management applications due to its small form factor and high efficiency. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for the ME23XBD-R series: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 20 to 30 | Volts (V) | | **Continuous Drain Current** | $I_D$ | 3.0 to 4.0 | Amperes (A) | | **Static Drain-Source On-Resistance** | $R_{DS(ON)}$ | ~40 - 60 | Milliohms (mΩ) | | **Gate-Source Voltage** | $V_{GS}$ | ±10 to ±12 | Volts (V) | | **Package Type** | SOT-23 | Surface Mount | - | --- ### 2. Physical Characteristics & Pinout The device usually comes in a **SOT-23** package, which is a miniature three-lead surface-mount plastic package. **Pin Configuration:** 1. **Gate (G):** Controls the biasing of the transistor. 2. **Source (S):** The terminal where current enters the channel. 3. **Drain (D):** The terminal where current leaves the channel. --- ### 3. Core Features * **Trench Technology:** High-density cell design for extremely low $R_{DS(ON)}$, reducing power loss through heat. * **High Speed Switching:** Capable of rapid transitions, making it ideal for PWM (Pulse Width Modulation). * **Low Threshold Voltage:** Can be driven directly by logic-level signals (e.g., from a microcontroller). --- ### 4. Common Applications The ME23XBD-R is versatile and found in various consumer electronics: * **Load Switching:** Turning sub-circuits on or off to save power. * **Battery Protection:** Integrated into BMS (Battery Management Systems) for mobile devices. * **DC-DC Converters:** Used in buck or boost converters for voltage regulation. * **LED Driving:** Controlling brightness in small display backlights. --- ### 5. Implementation Example In a simple switching circuit, the ME23XBD-R acts as a gatekeeper for a load. ```cpp // Logic Representation If (Gate Voltage > Threshold) { Switch = CLOSED; // Current flows from Drain to Source } else { Switch = OPEN; // Current is blocked } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation for the SOT-23 version of this MOSFET?
    • ⤷ Can this component be used in a 5V logic circuit without a level shifter?
    • ⤷ What are the common manufacturer equivalents for the ME23XBD-R?