データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME24XBA-R

  • AI
    The **ME24XBA-R** is an electronic component primarily classified as a **Digital Potentiometer** (specifically a non-volatile, SPI-interface, 256-step digital rheostat/potentiometer). These components are used to replace mechanical potentiometers in applications requiring precise, automated, and wear-free resistance adjustment. --- ### 1. Key Technical Specifications Below are the typical technical parameters for this series: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | 10kΩ / 50kΩ / 100kΩ (Model specific) | | **Resolution** | 256 Taps (8-bit) | | **Interface** | SPI (Serial Peripheral Interface) | | **Memory Type** | Non-Volatile (EEPROM) - Retains setting after power loss | | **Supply Voltage** | 2.7V to 5.5V | | **Package Type** | MSOP-10 or TSSOP-14 | | **Temperature Range** | -40°C to +125°C | --- ### 2. Functional Architecture The ME24XBA-R consists of several internal modules that allow it to function as a programmable resistor: 1. **Resistor Ladder:** A string of high-precision resistors connected in series. 2. **CMOS Switches:** These act as "wipers," connecting a specific point on the ladder to the output pin based on the digital input. 3. **Control Logic:** Decodes the SPI signals (CS, SCK, SDI) to determine the wiper position. 4. **EEPROM:** Stores the current resistance setting so that the device returns to its last state upon reboot. --- ### 3. Pin Configuration (Typical MSOP-10) | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD** | Power | Positive supply voltage. | | **VSS** | Ground | Circuit ground. | | **CS** | Chip Select | Active low input to enable SPI communication. | | **SCK** | Serial Clock | Provides the timing for data transfer. | | **SDI** | Serial Data In | Data input for wiper settings. | | **A / W / B** | Terminal Pins | The "Potentiometer" pins (A=High, B=Low, W=Wiper). | --- ### 4. Application Use Cases * **LCD Bias Control:** Adjusting the contrast and backlight levels of display modules. * **Audio Volume Control:** Providing noise-free, digital volume attenuation. * **Sensor Calibration:** Tuning the gain of operational amplifiers (Op-Amps) in industrial sensors. * **Power Supply Tuning:** Adjusting the output voltage of a DC-DC converter or LDO. --- ### 5. Programming Example (Conceptual) To set the wiper position, a microcontroller sends an 8-bit value via SPI: ```cpp // Example: Setting the Wiper to mid-scale (128) digitalWrite(CS_PIN, LOW); // Select the device SPI.transfer(0x11); // Command byte (Write to Wiper) SPI.transfer(128); // Data byte (Position 128 of 256) digitalWrite(CS_PIN, HIGH); // Deselect and update ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between volatile and non-volatile digital potentiometers?
    • ⤷ How does the ME24XBA-R handle resistance tolerance across different temperatures?
    • ⤷ Can this part be used in high-voltage AC signal attenuation?