データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME28XAD-R

  • AI
    ## ME28XAD-R: Technical Overview The **ME28XAD-R** is an **Electromagnetic Brake** unit, typically manufactured by companies like **Miki Pulley**. These components are integral to motion control systems where precise stopping and holding of a load are required. --- ### 1. Key Technical Specifications The following table summarizes the general electronic and mechanical characteristics of the ME28XAD-R series: | Parameter | Description | | :--- | :--- | | **Type** | Power-off Activated (Spring-Applied) Brake | | **Rated Voltage** | Typically 24V DC or 90V DC (Varies by sub-model) | | **Brake Torque** | Nominal static friction torque (varies by size/coil) | | **Response Time** | High-speed engagement (typically <50ms) | | **Mounting** | Flange mounted for motor integration | | **Protection** | Dust-resistant housing | --- ### 2. Electronic Operating Principle The ME28XAD-R operates on the **"Power-Off"** principle, which is a safety-critical design. 1. **Energized State (Power ON):** * Electricity flows through the internal electromagnetic coil. * The magnetic field pulls the armature plate against the coil body, compressing the internal springs. * This releases the friction disc, allowing the motor shaft to rotate freely. 2. **De-energized State (Power OFF/Failure):** * The magnetic field collapses. * Internal springs push the armature plate against the friction disc. * The shaft is clamped, providing a holding torque to prevent movement. --- ### 3. Connection and Circuit Components To integrate the ME28XAD-R into an electronic system, several peripheral components are usually required: * **DC Power Supply:** Must provide stable voltage to prevent "chatter" or partial engagement. * **Protection Diode (Flyback Diode):** Since the brake is an inductive load, a diode must be placed across the terminals to protect the control PLC or relay from voltage spikes when the power is cut. * **Switching Relay/SSR:** Used to control the 24V/90V DC line based on the motor's status. --- ### 4. Applications * **Z-Axis Control:** Preventing CNC or Robot arms from falling due to gravity during power loss. * **Conveyor Systems:** Precise positioning of goods. * **Medical Equipment:** Ensuring stable positioning of imaging tables.
    ✨ Follow-up Questions
    • ⤷ What is the exact wattage consumption of the ME28XAD-R coil?
    • ⤷ How do I choose between a 24V and 90V DC configuration for this brake?
    • ⤷ What is the recommended flyback diode rating for this inductive load?