データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME51ZBA-R

  • AI
    The **ME51ZBA-R** is an electronic component primarily associated with the **M-Bus (Meter-Bus)** communication standard. It is commonly identified as an M-Bus Slave Transceiver module or part of an energy monitoring interface system. --- ### 1. General Specifications The ME51ZBA-R acts as a physical layer interface between a microcontroller and an M-Bus network. It is designed to handle the power extraction and bidirectional data signaling required by the EN 13757-2 standard. | Feature | Description | | :--- | :--- | | **Component Type** | M-Bus Slave Module / Transceiver | | **Interface** | UART (TX/RX) to M-Bus | | **Compliance** | EN 13757-2 / EN 13757-3 | | **Common Application** | Smart Metering (Water, Heat, Gas, Electric) | | **Baud Rate Support** | Typically 300 to 9600 Baud | --- ### 2. Key Electronic Functions The module integrates several complex circuits into a single compact form factor: 1. **Power Scavenging:** It extracts DC power from the M-Bus line (which usually carries 24V-36V) to power its internal circuitry and potentially the host microcontroller. 2. **Voltage Regulation:** It includes an on-board regulator to provide a stable voltage (usually 3.3V or 5V) for the sensors. 3. **Current Modulation:** To send data back to the Master, it modulates its current consumption (usually by an additional 11–20mA) to represent a logic "0". 4. **Voltage Sensing:** To receive data from the Master, it monitors voltage drops on the bus (logic "0" is a drop of 12V from the nominal bus voltage). --- ### 3. Pin Configuration (Typical) While physical layouts vary by manufacturer (often associated with brands like *Meituan* or *Meter-Bus* specialists), the logical pinout generally includes: | Pin Name | Function | | :--- | :--- | | **Bus+ / Bus-** | Connection to the non-polarized M-Bus network. | | **VCC** | Regulated output power for the host device. | | **GND** | Common ground. | | **TXD** | Data output from the module (to Microcontroller RX). | | **RXD** | Data input to the module (from Microcontroller TX). | --- ### 4. Application Example (Pseudocode) When interacting with the ME51ZBA-R via an Arduino or ESP32, the communication is simple serial UART: ```cpp // Example: Basic initialization for M-Bus communication #include // RX on D2, TX on D3 SoftwareSerial mBusSerial(2, 3); void setup() { Serial.begin(9600); // Debugging mBusSerial.begin(2400); // Standard M-Bus Baud Rate } void loop() { if (mBusSerial.available()) { byte data = mBusSerial.read(); Serial.print("Data from Master: "); Serial.println(data, HEX); } } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum number of slave devices that can be connected using this transceiver?
    • ⤷ Can the ME51ZBA-R be used as an M-Bus Master instead of a Slave?
    • ⤷ What are the specific power consumption limits for this module during data transmission?