データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME52XAD-R

  • AI
    The **ME52XAD-R** is a specific model within the series of high-precision Voltage Detectors (Reset ICs) typically manufactured by companies like **Microne (Nanjing Micro One Electronics)**. These components are primarily used to monitor power supply rails and provide a reset signal to microprocessors or other digital systems when voltage falls below a certain threshold. --- ### 1. General Specifications The ME52 series is characterized by its ultra-low power consumption and high accuracy. | Feature | Description | | :--- | :--- | | **Component Type** | Voltage Detector / Reset IC | | **Detection Voltage** | Typically indicated by the "X" (e.g., 2.7V, 3.0V, etc.) | | **Output Type** | Open Drain or CMOS (indicated by specific suffix) | | **Package Type** | Often SOT-23, SOT-89, or TO-92 | | **Quiescent Current** | Ultra-low (typically < 1.0µA) | --- ### 2. Key Internal Electronic Parts The internal architecture of the ME52XAD-R consists of several critical functional blocks: * **Reference Voltage Source:** A highly stable internal voltage (usually a bandgap reference) used to compare against the input voltage ($V_{IN}$). * **Comparator:** A high-gain circuit that compares the monitored voltage (after passing through a resistor ladder) with the internal reference. * **Resistor Divider:** A precision laser-trimmed resistor network that defines the specific detection threshold. * **Output Driver:** * **N-channel Open Drain:** Requires an external pull-up resistor. * **CMOS Output:** Provides both high and low logic levels without external parts. * **Hysteresis Circuit:** Prevents "chatter" or rapid switching when the input voltage is hovering exactly at the threshold level. --- ### 3. Pin Configuration (Typical SOT-23) Most variants follow a standard three-pin layout: 1. **VOUT:** The Reset output signal. 2. **VDD / VIN:** The power supply input and monitored voltage. 3. **VSS / GND:** The common ground. --- ### 4. Application Circuit Example Below is a conceptual representation of how the ME52XAD-R is integrated into a system. ```mermaid graph LR VCC((Power Source)) -->|Input| VDD[ME52XAD-R] GND((Ground)) --- VSS[ME52XAD-R] VDD -->|Pull-up Resistor| VOUT[Reset Signal] VOUT -->|Reset Pin| MCU[Microcontroller] ``` --- ### 5. Part Number Breakdown (Generic) * **ME:** Manufacturer Prefix (Microne). * **52:** Series Number (Low power voltage detector). * **X:** Voltage Code (Determines the detection threshold, e.g., 27 = 2.7V). * **A/B:** Accuracy or Output Type designation. * **D/R:** Package and Taping orientation.
    ✨ Follow-up Questions
    • ⤷What is the specific detection voltage for the 'AD' variant of this series?
    • ⤷ Does the ME52XAD-R require an external capacitor for delay timing?
    • ⤷ What are the primary differences between Open Drain and CMOS versions of this IC?