データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME53ZAD-R

  • AI
    The **ME53ZAD-R** is an electronic component primarily classified as a **Precision Low-Dropout (LDO) Voltage Regulator** or a specific high-stability voltage reference module, depending on the manufacturer (most commonly associated with high-reliability power management). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The ME53 series is designed for applications requiring low noise and high accuracy. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | CMOS Low Dropout Regulator (LDO) | | **Output Voltage** | Fixed (Often 3.3V or 5.0V depending on suffix) | | **Max Input Voltage** | Up to 18V - 24V (High Voltage Series) | | **Output Current** | 300mA to 500mA | | **Package Type** | SOT-23, SOT-89, or TO-92 | | **Accuracy** | ±1% to ±2% | ### 2. Key Internal Components The ME53ZAD-R utilizes a specific internal architecture to ensure stability: * **Error Amplifier:** Compares the feedback voltage with the internal reference. * **Voltage Reference:** A high-precision bandgap reference for thermal stability. * **Pass Transistor:** A P-channel MOSFET used to regulate the output flow with minimal voltage loss. * **Protection Circuitry:** Includes Thermal Shutdown (TSD) and Current Limiting to prevent component failure under load. ### 3. Pin Configuration (Typical SOT-89/SOT-23) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground connection | | 2 | **VIN** | Input voltage supply | | 3 | **VOUT** | Regulated output voltage | ### 4. Application Areas The "ZAD-R" variant is often found in: 1. **Battery Powered Equipment:** Due to low quiescent current (low power consumption when idle). 2. **Communication Modules:** Providing clean power to RF chips. 3. **Industrial Controllers:** Where input voltage spikes require a robust regulator. 4. **Consumer Electronics:** Powering MCUs and digital sensors. ### 5. Part Number Suffix Breakdown * **ME:** Manufacturer Prefix (often Microne/Nanjing Microelectronics). * **53:** Series identifier (High Voltage/Low Quiescent LDO). * **ZAD:** Package and Voltage code (Specific to the internal reference voltage). * **-R:** Indicates "RoHS Compliant" or "Tape & Reel" packaging for automated assembly. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage tolerance for the ME53 series?
    • ⤷ How does the 'low dropout' feature benefit battery-operated devices?
    • ⤷ Can the ME53ZAD-R be used in parallel to increase current output?