データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME56XAD-R

  • AI
    The **ME56XAD-R** is an integrated circuit, typically a **Linear Voltage Regulator** (often categorized within the ME56 series by Microne). These components are designed to provide a stable output voltage from a higher or fluctuating input voltage. --- ### 1. Key Technical Specifications The "ME56" series generally refers to high-precision, low dropout (LDO) regulators. Below is a breakdown of the typical specifications for this part: | Parameter | Typical Value / Description | |:---|:---| | **Type** | LDO (Low Dropout) Linear Regulator | | **Input Voltage Range** | Up to 18V - 24V (depending on sub-series) | | **Output Voltage** | Fixed (Often 3.3V or 5.0V, indicated by the 'AD' suffix) | | **Max Output Current** | 300mA to 500mA | | **Dropout Voltage** | Low (typically < 500mV at full load) | | **Package Type** | SOT-89 or SOT-23 (Common for SMD parts) | --- ### 2. Part Number Breakdown The nomenclature for components like the ME56XAD-R usually follows a specific logic: * **ME**: Manufacturer prefix (Microne / Nanjing Micro One Electronics). * **56**: Series identifier (High voltage input/LDO series). * **X**: Internal chip generation or specific revision. * **AD**: Voltage code (e.g., AD might represent a specific fixed voltage or an adjustable version). * **R**: Packaging type (usually signifies "Reel" for automated assembly). --- ### 3. Internal Protections To ensure circuit longevity, the ME56XAD-R usually includes several internal protection features: 1. **Current Limiting:** Protects the IC in case the load draws more current than the device can handle. 2. **Thermal Shutdown:** Automatically turns off the regulator if the internal temperature exceeds safe limits (usually around 150°C). 3. **Short Circuit Protection:** Prevents damage if the output is accidentally grounded. --- ### 4. Typical Application Circuit When using this part in an electronic design, it requires minimal external components: ```c [Input Voltage Source] ----[IN]-------[OUT]---- [Stable Output to Load] | | [Cin: 1uF-10uF] [Cout: 1uF-10uF] | | [GND]------[GND] ``` --- ### 5. Common Use Cases * **Battery-powered devices:** Due to low quiescent current. * **Microcontrollers:** Providing a clean 3.3V/5V rail for MCUs. * **Post-regulation:** Cleaning up noise from switching power supplies.
    ✨ Follow-up Questions
    • ⤷What is the exact output voltage for the 'AD' version of this chip?
    • ⤷ What are the pinout differences between the SOT-89 and SOT-23 versions?
    • ⤷ What is the maximum quiescent current for the ME56 series?