ME58XBD-R
AI

The **ME58XBD-R** is an absolute rotary encoder module commonly used in industrial automation, robotics, and motor feedback systems. It is part of a series often associated with high-precision motion control.
---
### ## Technical Overview
The ME58XBD-R operates as an **Absolute Encoder**, meaning it retains position information even after power is lost. Unlike incremental encoders, it does not require a "homing" sequence upon startup.
### ### Key Electronic Specifications
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Output Type** | Binary or Gray Code (Digital) |
| **Resolution** | Usually 10-bit to 13-bit (1024 to 8192 positions per turn) |
| **Supply Voltage** | 5V DC or 10-30V DC (Model dependent) |
| **Interface** | Parallel or SSI (Synchronous Serial Interface) |
| **Outer Diameter** | 58mm (Industrial Standard) |
| **Shaft Type** | Solid shaft or Blind Hollow shaft |
---
### ## Core Electronic Components
1. **Light Source (LED):** An infrared LED provides the light beam required to read the internal disc.
2. **Code Disc:** A glass or plastic disc featuring a complex pattern of opaque and transparent segments representing a unique binary code for every angle.
3. **Photosensor Array:** A specialized ASIC (Application Specific Integrated Circuit) or phototransistor array that receives the light and converts it into electrical pulses.
4. **Signal Processing Circuit:** This internal PCB handles error correction, signal amplification, and converts the raw analog sensor data into a digital format (like RS422 levels).
---
### ## Connection & Wiring
Standard wiring for these modules typically follows this logic:
| Wire Color (Standard) | Function | Description |
| :--- | :--- | :--- |
| **Red / Brown** | Vcc | Positive Power Supply |
| **Black / Blue** | 0V / GND | Ground |
| **Green / Yellow** | Data / Clock | Communication lines for SSI or Parallel bits |
| **Shield** | PE | Earth/Ground for noise reduction |
---
### ## Common Applications
* **CNC Machinery:** Precise positioning of the tool head.
* **Medical Equipment:** Accurate rotation in CT scanners or robotic arms.
* **Packaging Machines:** Synchronizing conveyor belts with cutting tools.
- ⤷
What is the difference between Parallel and SSI interfaces for this encoder?
- ⤷ How do I troubleshoot a 'No Signal' error on an ME58 series encoder?
- ⤷ Can this encoder be used in high-vibration environments?