データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME58ZBX-R

  • AI
    The **ME58ZBX-R** is a specific model of an **LCD Controller Board** (often referred to as an AD Board or Driver Board). These boards are primarily used to convert standard video signals (like VGA, HDMI, or DVI) into the LVDS or TTL signals required by a raw LCD panel. Below is a breakdown of the electronic specifications and components typically associated with this module. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Main Chipset** | Mstar/Realtek series (model-dependent variant) | | **Panel Interface** | Single/Dual Channel LVDS | | **Max Resolution** | Up to 1920 x 1080 (Full HD) @ 60Hz | | **Power Input** | 12V DC (usually via a 5.5/2.1mm jack or 4-pin header) | | **Standby Power** | < 0.5W or < 1W | | **OSD Language** | Multi-language support (English, Chinese, French, etc.) | --- ### 2. Input/Output Interfaces The ME58ZBX-R acts as the "brain" between your video source and the screen. It features the following physical ports: * **Video Inputs:** * **VGA (D-Sub):** For legacy PC connections. * **HDMI:** High-definition digital video and audio. * **DVI (Optional):** Some variants include DVI-D. * **Audio Ports:** * **PC Audio In:** 3.5mm jack for sound input when using VGA. * **Speaker Header:** A 4-pin internal header to drive 2W/5W speakers. * **Control Ports:** * **Keypad Header:** Connects to the physical buttons (Power, Menu, Volume). * **Inverter/LED Driver Header:** Supplies power and dimming control to the screen's backlight. --- ### 3. Key Electronic Components The board is populated with several critical circuits to ensure stable operation: 1. **Step-Down Voltage Regulators:** Converts 12V input to 5V and 3.3V to power the logic chips and the LCD panel. 2. **EEPROM / Flash Memory:** Stores the firmware (software) specific to the LCD panel's timing and resolution. 3. **LVDS Connector:** A 30-pin or 40-pin header that sends the image data to the panel. 4. **Capacitors:** Electrolytic and ceramic capacitors used for power filtering to prevent screen flickering. ### 4. Application Areas * **Industrial Displays:** Used in CNC machines or kiosks. * **DIY Monitors:** Converting a salvaged laptop screen into a standalone monitor. * **Medical Equipment:** Driving small to medium-sized diagnostic screens. --- ### Important Safety Note When working with the ME58ZBX-R, ensure the **Panel Voltage Jumper** (usually 3.3V or 5V) is set correctly according to your LCD screen's datasheet. Setting this incorrectly can permanently damage the LCD panel.
    ✨ Follow-up Questions
    • ⤷ How do I identify the correct firmware for a specific LCD panel on this board?
    • ⤷ What is the pinout for the 12V power input header?
    • ⤷ How do I adjust the backlight brightness through the OSD menu?