データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME61XAD-R

  • AI
    The **ME61XAD-R** is an analog input/output module specifically designed for the **Mitsubishi MELSEC-F (FX) series** (typically compatible with FX3U/FX3G) and certain energy measuring systems. It is primarily used to interface between analog field devices and a digital PLC environment. --- ### 1. Key Technical Specifications Below is a breakdown of the electronic parameters for the ME61XAD-R: | Parameter | Specification Details | | :--- | :--- | | **Number of Channels** | 4 Analog Input Channels / 1 Analog Output Channel | | **Input Range** | 0 to 5V, 1 to 5V, 0 to 10V, -10 to +10V DC, 4 to 20mA | | **Output Range** | 0 to 5V, 1 to 5V, 0 to 10V, -10 to +10V DC, 4 to 20mA | | **Resolution** | 12-bit to 16-bit (depending on settings/model variant) | | **Isolation** | Photo-coupler isolation between terminal and internal circuit | | **Power Supply** | 24V DC (+20% / -15%) | --- ### 2. Electronic Components & Functionality The internal circuitry of the ME61XAD-R consists of several critical stages: #### A. Analog-to-Digital Converter (ADC) This is the core of the input section. It samples the continuous voltage or current signals from sensors (like pressure transducers or flow meters) and converts them into binary values that the PLC CPU can process. #### B. Digital-to-Analog Converter (DAC) The output channel uses a DAC to take a digital value from the PLC and convert it back into a precise voltage or current to drive actuators, such as Variable Frequency Drives (VFDs) or proportional valves. #### C. Signal Conditioning & Filtering * **Operational Amplifiers (Op-Amps):** Used to scale the input signals to the required ADC range. * **Low-pass Filters:** Electronic filters are integrated to remove high-frequency noise from the signal lines, ensuring stable readings. #### D. Isolation Barrier To protect the sensitive PLC CPU from field-side surges or ground loops, the ME61XAD-R uses **optical isolators**. This ensures there is no direct electrical path between the high-power field wiring and the logic-level electronics of the controller. --- ### 3. Wiring Configuration The module features a terminal block for field connections. Below is a simplified representation of the wiring logic: ```markdown Terminal | Description ---------|----------------------------- V+ / I+ | Positive terminal for Voltage/Current Input COM | Common terminal for Analog signals Vout | Voltage Output terminal Iout | Current Output terminal 24V / 0V | External DC power supply input FG | Frame Ground for noise shielding ``` --- ### 4. Implementation Notes * **Impedance:** When using current inputs (4-20mA), the module usually presents a 250Ω input resistance. * **Shielding:** For electronic stability, shielded twisted-pair cables are mandatory to prevent Electromagnetic Interference (EMI) from affecting the analog signals.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the offset and gain for the ME61XAD-R?
    • ⤷ What are the specific buffer memory (BFM) addresses for this module?
    • ⤷ Can this module be used with FX5U series PLCs?