データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME63XAD-R

  • AI
    The **ME63XAD-R** is a specific type of **Magnetic Encoder** module, typically used in high-precision motion control applications such as brushless DC (BLDC) motors and robotics. --- ### 1. Component Overview The ME63XAD-R is an absolute magnetic encoder. Unlike incremental encoders, it provides a unique position value for every angle of rotation, meaning it does not lose its position when power is cycled. | Feature | Specification / Detail | | :--- | :--- | | **Type** | Absolute Magnetic Encoder | | **Resolution** | Typically 12-bit to 16-bit (65,536 positions per revolution) | | **Interface** | RS485 / Serial Communication | | **Output Type** | Digital Differential Signal | | **Primary Use** | Feedback for Servo Motors / Robotic Joints | --- ### 2. Key Internal Electronic Parts The module consists of several critical electronic sub-systems: #### A. Hall Effect Sensor Array The "heart" of the device. It contains an integrated circuit (IC) with a series of Hall elements that detect the orientation of a magnetic field generated by a small permanent magnet attached to the motor shaft. #### B. Signal Processing IC (ASIC) * **ADC (Analog to Digital Converter):** Converts the sine/cosine voltage signals from the Hall sensors into digital data. * **Interpolation Logic:** Increases the resolution by calculating the exact angle based on the strength of the magnetic vectors. #### C. Communication Driver (RS485 Transceiver) To ensure the data can travel over long cables without interference from electromagnetic noise (EMI), the ME63XAD-R uses a differential signaling chip. This allows for high-speed, reliable data transmission. #### D. Voltage Regulator & Protection * **LDO (Low Dropout Regulator):** Steps down the input voltage to the stable 3.3V or 5V required by the sensors. * **TVS Diodes:** Protects the internal circuits from static electricity (ESD) and voltage spikes. --- ### 3. Connection Pinout (Typical) While specific wiring can vary by manufacturer (often used in Delta or specialized servo systems), the general layout is as follows: 1. **VCC:** Power Supply (usually 5V or 24V). 2. **GND:** Ground. 3. **Data + / A:** Positive differential signal line. 4. **Data - / B:** Negative differential signal line. 5. **Shield:** To prevent EMI interference. --- ### 4. Technical Advantages * **Non-Contact:** Because there is no physical contact between the sensor and the magnet, there is no mechanical wear. * **Compact Size:** The "X" in the series often denotes a compact or slim design for integration into small motor housings. * **Durability:** Highly resistant to dust, oil, and vibration compared to optical encoders.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this magnetic encoder and an optical encoder?
    • ⤷ How do I interface the ME63XAD-R with a microcontroller like an Arduino?
    • ⤷ What is the maximum RPM supported by this encoder?