データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME63XBA-R

  • AI
    The **ME63XBA-R** is an electronic module primarily used as a **Bluetooth Low Energy (BLE)** solution. It is often integrated into smart home devices, lighting controls, and IoT (Internet of Things) hardware. Below is a breakdown of its technical specifications and core components. --- ### 1. Key Technical Specifications The ME63XBA-R is typically based on a system-on-chip (SoC) architecture designed for low power consumption and wireless connectivity. | Feature | Specification | | :--- | :--- | | **Communication Protocol** | Bluetooth Low Energy (BLE) | | **Operating Voltage** | 1.8V to 3.6V DC | | **Core Processor** | 32-bit ARM Cortex (usually M0 or M4 series) | | **Frequency Band** | 2.4 GHz ISM Band | | **Flash Memory** | 256KB - 512KB (Model dependent) | | **RAM** | 32KB - 64KB | | **Antenna Type** | PCB Trace Antenna or IPEX Connector | --- ### 2. Internal Electronic Components The module is a surface-mount device (SMD) that integrates several critical electronic parts: * **Main SoC (System on Chip):** The "brain" of the module that handles both the application code and the Bluetooth radio stack. * **Crystal Oscillators:** High-precision quartz crystals (usually 32MHz and 32.768kHz) to provide timing for the wireless radio and sleep modes. * **RF Front-End:** Includes matching networks consisting of tiny inductors and capacitors (MLCCs) to ensure the signal is tuned to 50 ohms for maximum transmission efficiency. * **LDO / Power Management:** Internal circuitry to regulate voltage and minimize noise, ensuring stable operation during radio transmission spikes. --- ### 3. Pinout and Connectivity The module typically features a castellated hole design (half-moon pads) for easy soldering onto a carrier PCB. Common pin functions include: 1. **GPIO (General Purpose I/O):** For controlling LEDs, sensors, or buttons. 2. **UART (Universal Asynchronous Receiver/Transmitter):** Used for AT commands or data streaming. 3. **I2C / SPI:** To interface with external sensors or displays. 4. **PWM:** For controlling motor speed or light dimming. 5. **SWD (Serial Wire Debug):** Used by developers to flash firmware onto the chip. --- ### 4. Common Applications * **Smart Lighting:** Used in bulbs to allow phone-controlled dimming. * **Wearables:** Fitness trackers that sync data with smartphones. * **Wireless Sensors:** Temperature or humidity sensors that report data over BLE. * **Industrial Automation:** Cable replacement for serial communication.
    ✨ Follow-up Questions
    • ⤷What is the maximum transmission range of the ME63XBA-R?
    • ⤷ How do I program or flash firmware onto this module?
    • ⤷ Is there a specific datasheet available for the ME63XBA-R?