データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME63ZAX-R

  • AI
    The **ME63ZAX-R** is a specific electronic component, typically categorized as an **Electrolytic Capacitor**, often part of a series (like the ME-Z series) produced by manufacturers such as *Samyoung* or similar electronic component giants. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. General Specifications These components are designed for high-density mounting and are often found in power supply circuits and consumer electronics. | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor | | **Mounting Type** | Radial Through-Hole | | **Capacitance Value** | Varies (Refer to specific markings, often 10µF - 1000µF) | | **Voltage Rating** | 6.3V (indicated by the '63' in many naming conventions) | | **Temperature Range** | -40°C to +105°C | | **Tolerance** | ±20% (Standard) | --- ### 2. Part Number Breakdown While manufacturer codes vary slightly, the string **ME63ZAX-R** generally follows this logic: * **ME**: Series prefix (Miniature/Standard Electrolytic). * **63**: Rated Voltage (6.3 Volts). * **ZA**: Designates the physical size and impedance characteristics (Low Impedance). * **X**: Internal factory code or specific dielectric material. * **-R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) or "Reel" packaging. --- ### 3. Key Electronic Characteristics Capacitors in this class are engineered for specific performance metrics: 1. **Low ESR (Equivalent Series Resistance):** The "ZA" designation usually implies a low-impedance series, making it efficient for filtering high-frequency noise. 2. **Long Life:** Rated for 2,000 to 5,000 hours at maximum operating temperature (105°C). 3. **Polarity:** As an electrolytic capacitor, it is polarized. The negative lead is marked with a stripe on the casing and is shorter than the positive lead. --- ### 4. Common Applications The ME63ZAX-R is commonly found in the following electronic environments: * **Motherboards:** For local voltage regulation. * **Switching Power Supplies:** Filtering output ripple. * **Audio/Video Equipment:** Coupling and decoupling signals. * **LED Drivers:** Stabilizing current flow. --- ### 5. Identification Schematic To identify the part visually on a PCB: ```text _______ / \ | 6.3V | <--- Voltage Rating | 470uF | <--- Capacitance (Example) | (M) | <--- Tolerance / Brand | - | <--- Negative Polarity Stripe \_______/ | | | | <--- Leads (Long = +, Short = -) ```
    ✨ Follow-up Questions
    • ⤷What is the exact capacitance value of the ME63ZAX-R?
    • ⤷ Can this capacitor be replaced with one of a higher voltage rating?
    • ⤷ Is there a Surface Mount (SMD) equivalent for this part?