データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME64XAG-R

  • AI
    The **ME64XAG-R** is a specific model of an **AC-DC Power Supply Module**, typically categorized as an open-frame or enclosed industrial power converter. These units are designed to convert high-voltage alternating current (AC) from a wall outlet into stable, low-voltage direct current (DC) required for electronic components. --- ### 1. Key Technical Specifications While specific data can vary by manufacturer (often associated with brands like *SL Power* or *Condor*), the ME64 series generally follows these parameters: | Feature | Description | | :--- | :--- | | **Input Voltage** | Universal AC (90V – 264V AC) | | **Output Voltage** | Typically 12V, 24V, or 48V DC (model dependent) | | **Power Rating** | Approximately 60W to 65W | | **Efficiency** | Level VI efficiency standards (High Efficiency) | | **Form Factor** | Compact, often 2" x 4" footprint | | **Cooling** | Convection cooled (no fan required) | --- ### 2. Core Electronic Components Inside the ME64XAG-R, several critical electronic parts work together to manage power conversion: #### A. Input Stage (EMI/Protection) * **Bridge Rectifier:** Converts AC input to a pulsating DC. * **Filtering Capacitors:** Smooth the pulsating DC into a high-voltage DC bus. * **Metal Oxide Varistor (MOV):** Protects the circuit against high-voltage surges from the AC line. #### B. Switching Stage (PWM Control) * **MOSFET (Power Switch):** High-frequency transistors that "chop" the DC voltage. This allows for smaller transformer sizes. * **PWM Controller IC:** The "brain" that regulates the duty cycle of the MOSFET to maintain a steady output voltage regardless of load changes. #### C. Isolation Stage * **Flyback Transformer:** Provides galvanic isolation between the dangerous high-voltage AC side and the safe low-voltage DC side. It transfers energy via magnetic fields. #### D. Output Stage (Rectification & Smoothing) * **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into DC. * **Low-ESR Electrolytic Capacitors:** Ensure the output voltage has minimal "ripple" or noise. --- ### 3. Safety and Compliance Standards The "AG" and "R" suffixes often denote specific certifications or revisions. Generally, these parts are built for: * **Medical Grade (IEC60601-1):** Low leakage current for patient safety. * **ITE Grade (IEC62368-1):** Standard for Information Technology Equipment. * **RoHS Compliant:** Free from hazardous materials like lead and mercury. --- ### 4. Implementation Example If you were integrating this into a device, the wiring logic would follow this structure: ```cpp // Logic Diagram for Power Distribution Input (AC_L, AC_N, FG) --> [ME64XAG-R Module] --> Output (+V DC, -V DC) --> [Microcontroller / Sensors / Actuators] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage for the 'X' variant in the ME64 series?
    • ⤷ How does 'Medical Grade' isolation differ from standard industrial power supplies?
    • ⤷ What are the mounting requirements for heat dissipation in this module?