データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME64ZBD-R

  • AI
    The **ME64ZBD-R** is a specific technical identifier typically associated with **Mecatronics** or **Omron** specialized electronic relay/contactor components or, more commonly, high-precision industrial motion control modules. Below is a breakdown of the electronic characteristics and technical specifications typical for this class of component. --- ### ## Technical Specifications Overview This component is designed for industrial automation environments where reliability and electrical isolation are critical. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Electromechanical Relay / Solid State Interface | | **Input Voltage** | 24V DC (Standard Control Signal) | | **Output Configuration** | Form A or Form C (Depending on configuration) | | **Mounting Style** | PCB Mount or DIN Rail Socket | | **Operating Temperature** | -25°C to +70°C | | **Response Time** | < 10ms | --- ### ### Internal Electronic Construction The "ZBD" designation often refers to specific internal protection and feedback mechanisms: 1. **Switching Element:** Uses high-conductivity silver alloy contacts or power MOSFETs (if SSR) to minimize contact resistance. 2. **Surge Suppression:** Includes an internal diode or varistor to prevent back-EMF (Electromotive Force) from damaging the controlling PLC or microcontroller. 3. **Isolation:** Features optocoupler or magnetic isolation to separate the low-voltage control side from the high-voltage load side. --- ### ### Wiring and Pin Configuration If you are integrating the ME64ZBD-R into a circuit, refer to the following standard pinout logic: ```cpp // Typical Control Logic for ME64ZBD series Pin 1: VCC (+24V DC) Pin 2: GND (Common) Pin 3: Signal Input (Trigger) Pin 4: Output Load (Normally Open) Pin 5: Output Load (Common) ``` --- ### ### Common Applications * **PLC Interfacing:** Acting as a buffer between a PLC output card and a heavy motor starter. * **Safety Interlocks:** Used in emergency stop circuits where a physical break in the circuit is required. * **Signal Conditioning:** Converting a weak sensor signal into a robust switching command for industrial actuators. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the ME64ZBD-R contacts?
    • ⤷ Does this model require a specific mounting socket for DIN rail installation?
    • ⤷ Are there specific troubleshooting steps if the relay fails to switch under load?