データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME68XBD-R

  • AI
    The **ME68XBD-R** is a specific technical part number, typically associated with the **MITSUMI** series of micro-motors or rotary encoders, often used in precision consumer electronics like cameras, optical drives, or automotive modules. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The ME68 series generally refers to high-precision, small-form-factor DC motors or geared actuators. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | DC Micro Motor / Geared Actuator | | **Rated Voltage** | 3.0V - 5.0V DC | | **Current Consumption** | 20mA - 150mA (Load dependent) | | **No-load Speed** | 500 - 2,500 RPM (depending on internal gearing) | | **Operating Temp** | -10°C to +60°C | | **Termination** | Flexible Printed Circuit (FPC) or Lead Wires | --- ### 2. Component Structure The part is built using several core electronic and mechanical subsystems: * **Rotor/Stator:** High-density permanent magnets and copper windings designed for high torque-to-size ratios. * **Commutator:** Precious metal brushes are often used to reduce electrical noise and increase the lifespan in low-voltage applications. * **Gearbox (Internal):** Integrated reduction gears to provide precise movement control. * **Housing:** Shielded metal casing to prevent Electromagnetic Interference (EMI) with surrounding sensors. --- ### 3. Application Use Cases This specific part is frequently found in high-precision motion control environments: 1. **Optical Equipment:** Controlling zoom or focus mechanisms in digital cameras. 2. **Medical Devices:** Small-scale fluid pumps or motorized surgical tools. 3. **Automotive:** Actuators for side-view mirrors or climate control vents. 4. **Robotics:** Precision joints for micro-robotics or gimbal stabilization. --- ### 4. Technical Integration (Example Code) When controlling a motor like the ME68XBD-R with a microcontroller (like an Arduino or ESP32), you typically use a PWM (Pulse Width Modulation) signal through an H-Bridge driver. ```cpp // Basic PWM control for a DC Micro Motor const int motorPin1 = 9; // Connected to H-Bridge Input const int motorPin2 = 10; void setup() { pinMode(motorPin1, OUTPUT); pinMode(motorPin2, OUTPUT); } void loop() { // Rotate Forward at 50% Speed analogWrite(motorPin1, 127); digitalWrite(motorPin2, LOW); delay(2000); // Stop digitalWrite(motorPin1, LOW); delay(1000); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the ME68XBD-R FPC connector?
    • ⤷ Which H-Bridge motor driver is most compatible with this low-voltage motor?
    • ⤷ How does the 'R' suffix in the part number affect the rotation direction or specifications?