データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME71ZBX-R

  • AI
    The **ME71ZBX-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch) manufactured by companies like **Mitsumi**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls. --- ### 1. Technical Specifications Below is a breakdown of the typical technical parameters for this series: | Feature | Specification | | :--- | :--- | | **Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Circuit** | SPST-NO (Single Pole Single Throw - Normally Open) | | **Operating Force** | Typically 1.6N to 2.5N (varies by sub-model) | | **Contact Rating** | 50mA @ 12V DC (Standard signal level) | | **Travel** | 0.25mm ± 0.1mm | | **Operating Life** | ~100,000 to 500,000 cycles | --- ### 2. Key Components & Construction The ME71ZBX-R consists of several precision-engineered layers: * **Actuator (Stem):** The physical part you press. In the ME71 series, these are often low-profile to fit thin devices. * **Cover/Frame:** Usually made of stainless steel or high-temperature plastic to protect the internal mechanism. * **Contact Dome:** A metal snap-dome that provides the "click" tactile feedback and completes the circuit when depressed. * **Base (Housing):** Made of heat-resistant resin (LCP - Liquid Crystal Polymer) to withstand SMT reflow soldering temperatures. * **Terminals:** Silver-plated or gold-plated leads for electrical conductivity and corrosion resistance. --- ### 3. Features & Applications The "R" suffix often denotes **Tape & Reel packaging**, indicating it is designed for automated pick-and-place assembly lines. #### Common Use Cases: 1. **Consumer Electronics:** Volume buttons on smartphones, power buttons on tablets, and camera shutters. 2. **Automotive:** Steering wheel controls, dashboard buttons, and key fobs. 3. **Wearables:** Smartwatches and fitness trackers (due to the small footprint). 4. **Peripherals:** Computer mice, printers, and router reset buttons. --- ### 4. Implementation Example In a digital circuit, this switch is typically used with a pull-up or pull-down resistor to prevent a "floating" state when the button is not pressed. ```cpp // Basic Arduino code logic for a Tactile Switch const int buttonPin = 2; // Pin connected to ME71ZBX-R int buttonState = 0; void setup() { pinMode(buttonPin, INPUT_PULLUP); // Use internal resistor } void loop() { buttonState = digitalRead(buttonPin); if (buttonState == LOW) { // Action performed when switch is pressed } } ```
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions (footprint) of the ME71 series?
    • ⤷ Can this switch be used in waterproof (IP67) applications?
    • ⤷ What is the recommended reflow soldering profile for this component?