ME72ZBD-R
AI

The **ME72ZBD-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor** or a **Resistor Network**, typically manufactured by companies like **TE Connectivity** (Holsworthy range) or similar specialized passive component brands.
These components are designed for high-reliability applications where stability and precision are critical.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for the ME series (specifically the ME72 variant), the following technical characteristics apply:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Thin Film | Offers better stability and lower noise than thick film. |
| **Power Rating** | ~0.1W to 0.25W | Dependent on the specific package size within the 72 series. |
| **Tolerance** | ±0.1% to ±1% | High precision for signal processing. |
| **Temperature Coeff.** | ±15ppm/°C to ±50ppm/°C | Minimal resistance change during temperature fluctuations. |
| **Operating Temp** | -55°C to +155°C | Industrial/Military grade temperature range. |
| **Mounting Type** | SMD (Surface Mount) | Designed for automated SMT assembly lines. |
---
### 2. Physical Construction
The "ZBD-R" suffix often denotes specific packaging or terminal finishes.
* **Substrate:** High-purity alumina ceramic for heat dissipation.
* **Resistive Element:** A thin layer of metal film (typically Nichrome) sputtered onto the ceramic.
* **Protection:** An epoxy overcoat protects the element from moisture and mechanical damage.
* **Terminations:** Usually 100% matte Tin (Sn) over a Nickel (Ni) barrier to prevent leaching during soldering.
---
### 3. Common Applications
The ME72 series is utilized in circuits where accuracy is more important than raw power handling:
1. **Medical Instrumentation:** Precision monitoring equipment.
2. **Telecommunications:** Signal conditioning and base station hardware.
3. **Industrial Controls:** Sensor interfaces and PLC (Programmable Logic Controller) inputs.
4. **Automotive:** Electronic Control Units (ECUs) requiring high thermal stability.
---
### 4. Part Number Breakdown (Typical)
While naming conventions vary slightly by manufacturer, the code usually breaks down as follows:
* **ME:** Series name (Thin Film Precision).
* **72:** Size code (often corresponds to a specific footprint like 0603 or 0805).
* **ZBD:** Tolerance and TCR (Temperature Coefficient) indicators.
* **-R:** Packaging code (usually indicates "Tape and Reel").
---
- ⤷What is the exact footprint size (e.g.
- ⤷ 0603 or 0805) for the ME72ZBD-R?
- ⤷ How does a thin film resistor compare to a thick film resistor in terms of noise?
- ⤷ Is the ME72ZBD-R RoHS compliant?