データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME72ZBX-R

  • AI
    The **ME72ZBX-R** is a specific technical assembly, typically associated with industrial automation and programmable logic controllers (PLCs), specifically within the **Mitsubishi Electric** ecosystem (often related to the MELSEC series or specialized terminal blocks/interface modules). Below is a breakdown of its core electronic characteristics and components. --- ### 1. General Specifications The ME72ZBX-R is primarily an **Interface Terminal Block** or a **Relay Terminal Unit** designed to bridge the gap between high-density I/O modules and field wiring. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Relay Interface Terminal | | **Number of Points** | 32 Points (standard for the ME72 series) | | **Connection Type** | Screw terminal to Ribbon Cable (40-pin) | | **Mounting** | DIN Rail or Screw mounting | | **Common Type** | 1-wire or 2-wire configurations | --- ### 2. Core Electronic Parts #### A. The PCB (Printed Circuit Board) The heart of the unit is a multi-layer PCB designed for industrial durability. It features heavy-duty traces to handle switching currents and provides electrical isolation between the control logic and the field equipment. #### B. Switching Components (Relays/Transistors) Depending on the specific sub-model: * **Electromechanical Relays:** Small-form-factor relays (often replaceable) that provide physical air-gap isolation. * **Contact Rating:** Usually rated for 2A at 250VAC/30VDC. * **Coil Voltage:** Typically 24V DC to match industrial PLC standards. #### C. Protection Circuitry To ensure longevity, the following electronic parts are integrated: * **Flyback Diodes:** Placed across relay coils to suppress inductive voltage spikes. * **Varistors (MOVs):** Protects the contacts from arcing when switching inductive loads. * **Optical Isolation:** Provides a secondary layer of protection between the input signal and the output circuit. #### D. Connection Interfaces 1. **Terminal Blocks:** Rugged screw terminals for field wiring (sensors, actuators). 2. **MIL Connector:** A 40-pin header used to connect a pre-fabricated cable directly to a PLC I/O module (like the Mitsubishi QX41 or QY41P). --- ### 3. Visual Indicators The unit typically includes a diagnostic layer: * **Status LEDs:** Individual LEDs (usually green or red) for each of the 32 channels to indicate whether the specific relay or point is energized. * **Power LED:** Indicates the presence of the 24V DC logic power supply. --- ### Summary of Use Case The **ME72ZBX-R** serves as an electronic "buffer." It allows a low-power PLC output to control high-power industrial devices while protecting the expensive PLC CPU from electrical noise and short circuits.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the ME72ZBX-R relays?
    • ⤷ Is this module compatible with NPN or PNP logic?
    • ⤷ How do you replace an individual relay on this terminal block?