データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME73ZBD-R

  • AI
    The **ME73ZBD-R** is a specific model of a **Brushless DC (BLDC) Motor Driver/Controller**, typically manufactured by companies like Oriental Motor. These units are designed to provide precise speed control and high efficiency for brushless motors. --- ### 1. Key Technical Specifications The "ME" series generally refers to a specific driver architecture designed for compact integration. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | DC 24V / 48V (Model dependent) | | **Motor Type** | 3-Phase Brushless DC Motor | | **Control Method** | PWM (Pulse Width Modulation) | | **Speed Range** | 100 to 3000+ RPM (depending on motor) | | **Protection Circuits** | Overload, Overvoltage, Undervoltage, Sensor error | --- ### 2. Main Electronic Components The internal circuitry of the ME73ZBD-R consists of several critical stages: #### A. Power Inverter Stage * **MOSFETs/IGBTs:** These act as high-speed electronic switches that toggle the DC power to the motor phases. * **Gate Drivers:** ICs that provide the necessary voltage levels to trigger the power switches. #### B. Control Logic (MCU/DSP) * The "Brain" of the unit. It processes the feedback from the motor's Hall effect sensors to determine the rotor position and calculates the exact timing for commutation. #### C. Feedback and Sensing * **Hall Sensor Interface:** Receives signals from the motor to detect speed and position. * **Current Sensing Resistors:** Monitor the current draw to protect the board from short circuits or mechanical stalls. #### D. Input/Output (I/O) Terminal * **Speed Control Input:** Often accepts an analog voltage (0-5V or 0-10V) or a PWM signal to set the target speed. * **Direction/Run-Stop:** Digital inputs to control the motor's state. --- ### 3. Wiring and Connectivity The controller features a specific pinout for integration: ```markdown 1. +V / GND: Power supply input. 2. U, V, W: Three-phase power output to the motor. 3. Hall Sensors (H+, H-, Hu, Hv, Hw): Feedback connection. 4. Signal GND: Ground for control signals. 5. F/R: Forward/Reverse direction toggle. ``` --- ### 4. Application Use Cases Because of its compact "Z-series" board design, the ME73ZBD-R is commonly found in: * Conveyor systems in automated warehouses. * Medical pumping equipment. * Precision cooling fans. * Packaging machinery.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the ME73ZBD-R?
    • ⤷ How do I troubleshoot a 'Sensor Error' on this driver?
    • ⤷ Can this controller be used with a 110V AC source via a transformer?