ME78XAA-R
AI

The **ME78XAA-R** is an industrial-grade high-precision pressure sensor (often referred to as a pressure transmitter or transducer) commonly used in HVAC, automotive, and industrial process control. It is based on **Ceramic Thick-Film Technology**.
---
## 1. Core Electronic Components & Architecture
The ME78XAA-R operates on a bridge-circuit principle integrated onto a ceramic substrate.
| Component | Function |
| :--- | :--- |
| **Ceramic Diaphragm** | Acts as the sensing element; deforms slightly under pressure. |
| **Thick-Film Resistors** | Printed in a Wheatstone Bridge configuration on the ceramic. |
| **ASIC (Application Specific IC)** | Performs signal conditioning, amplification, and temperature compensation. |
| **EMC Protection** | Internal capacitors and varistors to prevent RFI/EMI interference. |
| **Terminal Pins** | Typically a 3-pin or 4-pin interface (Vcc, GND, Out). |
---
## 2. Technical Specifications
Below are the typical electronic characteristics for the ME78 series:
| Parameter | Standard Value |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 5.0 VDC (±0.25V typical) |
| **Output Signal** | Ratiometric (0.5V to 4.5V) |
| **Current Consumption** | < 5 mA |
| **Response Time** | < 2 ms |
| **Insulation Resistance** | > 100 MΩ at 500VDC |
| **Operating Temp Range** | -40°C to +135°C |
---
## 3. Principle of Operation
1. **Pressure Transduction:** When pressure is applied to the **Ceramic (Al2O3)** base, it causes a physical micro-strain.
2. **Piezoresistive Effect:** The thick-film resistors printed on the ceramic change their resistance values proportional to the strain.
3. **Signal Conditioning:** The internal **ASIC** detects the voltage imbalance in the Wheatstone bridge.
4. **Output Generation:** The ASIC amplifies this micro-voltage into a linear analog signal (usually 0.5–4.5V) that a PLC or ECU can read.
---
## 4. Key Electronic Advantages
* **Ratiometric Output:** The output voltage scales with the input supply voltage, ensuring accuracy even if the power supply fluctuates slightly.
* **High Stability:** Ceramic is chemically inert and thermally stable, meaning the electronic "zero point" does not drift significantly over time.
* **Integrated Protection:** Designed to handle reverse polarity and short circuits on the output pins.
- ⤷
What are the specific pinout configurations for the ME78XAA-R?
- ⤷ How do I calibrate the 0.5V-4.5V output for a microcontroller?
- ⤷ What is the maximum pressure rating for the 'R' variant of this sensor?