データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME78XAX-R

  • AI
    The **ME78XAX-R** is a specific type of **Power Relay** manufactured by Magnecraft (now a brand under Schneider Electric). It belongs to the 78 series and is designed for high-performance switching in industrial environments. --- ### 1. Technical Specifications The following table highlights the primary electrical and mechanical characteristics of the ME78XAX-R: | Feature | Specification | | :--- | :--- | | **Contact Configuration** | SPDT (1 Form C) | | **Contact Rating (Resistive)** | 20 Amps @ 277 VAC / 28 VDC | | **Coil Voltage** | 120 VAC (Standard for this specific suffix) | | **Mounting Style** | Plug-in / Socket Mount | | **Terminal Type** | Blade Terminals | | **Feature Suffix (-R)** | Flag Indicator / Push-to-Test Button | --- ### 2. Internal Electronic Components While a mechanical relay is primarily electromechanical, the ME78XAX-R consists of several critical internal parts: * **Electromagnetic Coil:** A copper wire winding that creates a magnetic field when energized by the input voltage (120V AC). * **Armature:** The moving metal part that is pulled by the magnetic field to open or close the contacts. * **Contacts (AgSnO2):** Usually made of Silver Tin Oxide to resist "welding" and electrical pitting under high-current loads. * **Return Spring:** Ensures the armature returns to its original position (NC - Normally Closed) once power is removed from the coil. * **Manual Override (-R):** A mechanical button that allows technicians to manually trip the relay for circuit testing without needing to energize the coil. --- ### 3. Key Applications Because of its high 20A rating, this part is commonly used in: 1. **HVAC Systems:** Controlling motors and compressors. 2. **Lighting Control:** Managing high-wattage ballast loads. 3. **Industrial Automation:** Interfacing between low-power PLCs and high-power actuators. 4. **Power Distribution:** Serving as a heavy-duty switch for localized power circuits. --- ### 4. Circuit Diagram Representation In a schematic, the ME78XAX-R is represented as follows: ```text (Coil Pins) (Switch Contacts) [ A1 ] ----(L)---- [ COM ] ( ) | [ A2 ] ----(N)---- [ / ] [ \ ] NC NO ```
    ✨ Follow-up Questions
    • ⤷ What are the compatible sockets for the ME78XAX-R relay?
    • ⤷ How does the 'Push-to-test' feature differ from a standard manual override?
    • ⤷ Can this relay be used with a DC coil voltage instead of AC?