データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME78XBA-R

  • AI
    The **ME78XBA-R** is an alphanumeric Liquid Crystal Display (LCD) module. It is a character-based display commonly used in industrial equipment, medical devices, and embedded systems to provide a user interface. Below is a breakdown of its electronic components, specifications, and pin configuration. --- ## 1. Technical Specifications The ME78XBA-R typically follows the industry-standard 16x2 character format (16 characters per row, 2 rows). | Parameter | Specification | | :--- | :--- | | **Display Type** | STN (Super-Twisted Nematic) or FSTN | | **Character Format** | 16 Characters x 2 Lines | | **Interface** | 4-bit or 8-bit Parallel | | **Controller** | HD44780 (or compatible) | | **Operating Voltage** | 5.0V (Typical) | | **Backlight** | LED (Reflective or Transflective) | | **Operating Temperature** | -20°C to +70°C | --- ## 2. Key Electronic Components ### A. The LCD Controller (HD44780 Equivalent) The heart of the module is the driver IC. It manages: * **Character Generator ROM (CGROM):** Stores standard character patterns (ASCII). * **Character Generator RAM (CGRAM):** Allows users to define custom icons or symbols. * **Display Data RAM (DDRAM):** Stores the data to be displayed on the screen. ### B. Contrast Adjustment Circuit Pin 3 ($V_O$ or $V_{EE}$) is used to control the fluid's opacity. This is usually connected to a **10kΩ potentiometer** between $V_{CC}$ and Ground. Adjusting this voltage changes the visibility of the characters against the background. ### C. LED Backlight The "R" in the suffix often denotes the backlight configuration or color (often Amber or Yellow-Green). It requires a current-limiting resistor to prevent the LEDs from burning out. --- ## 3. Pinout Configuration Most ME78 series modules utilize a standard 14 or 16-pin interface. | Pin No. | Symbol | Function | | :--- | :--- | :--- | | 1 | VSS | Ground (0V) | | 2 | VDD | Supply Voltage (+5V) | | 3 | VO | Contrast Adjustment | | 4 | RS | Register Select (Command/Data) | | 5 | R/W | Read/Write Select | | 6 | E | Enable Signal | | 7-14 | DB0-DB7 | Data Bus Lines | | 15 | LED+ | Backlight Anode (+) | | 16 | LED- | Backlight Cathode (-) | --- ## 4. Basic Connection Example To interface this with a microcontroller (like an Arduino or STM32), the following logic is applied: ```cpp // Example: Initializing a 16x2 LCD in 4-bit mode #include // Pins: RS, E, D4, D5, D6, D7 LiquidCrystal lcd(12, 11, 5, 4, 3, 2); void setup() { lcd.begin(16, 2); lcd.print("ME78XBA-R Ready"); } void loop() { // Display logic here } ``` ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the resistor value for the LED backlight pins?
    • ⤷ What is the difference between 4-bit and 8-bit communication modes for this LCD?
    • ⤷ Can this module be operated at 3.3V instead of 5V?