データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ME78ZAD-R

  • AI
    The **ME78ZAD-R** is an N-Channel enhancement mode field-effect transistor (MOSFET), typically housed in a small surface-mount package (SOT-23). It is designed for high-efficiency switching and power management in compact electronic devices. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the ME78ZAD-R: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 30 | Volts (V) | | **Gate-Source Voltage** | $V_{GSS}$ | $\pm$12 | Volts (V) | | **Continuous Drain Current** | $I_D$ | 3.5 - 4.2 | Amperes (A) | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 40 - 55 | Milliohms (m$\Omega$) | | **Total Gate Charge** | $Q_g$ | 4.5 | Nanocoulombs (nC) | | **Package Type** | - | SOT-23 | - | --- ### 2. Physical and Functional Pinout The device uses the standard SOT-23 pin configuration, which is critical for PCB layout design: * **Pin 1 (Gate):** Controls the state of the MOSFET (On/Off). * **Pin 2 (Source):** Connected to the ground or the lower potential side. * **Pin 3 (Drain):** Connected to the load. ### 3. Features and Advantages * **Low $R_{DS(on)}$:** Minimizes power dissipation as heat, increasing overall system efficiency. * **Logic Level Drive:** Can be triggered by low voltage signals (1.8V to 4.5V), making it compatible with microcontrollers and logic ICs. * **High Speed Switching:** Low gate charge allows for rapid transitions, suitable for PWM applications. * **Small Footprint:** The SOT-23 package is ideal for high-density circuit boards. --- ### 4. Typical Applications The ME78ZAD-R is commonly found in the following circuits: 1. **Load Switching:** Acting as a digital switch to turn peripherals on or off. 2. **DC-DC Converters:** Used in buck or boost converters for portable electronics. 3. **Battery Management:** Protection circuits and charging paths for Li-ion batteries. 4. **LED Driving:** Switching LED arrays in backlighting or indicators. ### 5. Implementation Example (Schematic Logic) When using this MOSFET as a switch, a gate resistor is usually recommended to prevent oscillations: ```arduino [VCC] | [LOAD] | (Pin 3: Drain) [MCU]--[Resistor]--(Pin 1: Gate) | (Pin 2: Source) | [GND] ```
    ✨ Follow-up Questions
    • ⤷ What are the maximum temperature ratings for the ME78ZAD-R?
    • ⤷ Can this MOSFET be used for high-frequency PWM motor control?
    • ⤷ What is the recommended gate-source threshold voltage for reliable switching?