データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH11XAX-R

  • AI
    The **MEH11XAX-R** is a specific model of a **Miniature High-Voltage Power Supply** module, typically manufactured by companies like Matsusada Precision. These components are designed to convert a low DC input voltage into a high-precision, stable high DC output voltage. --- ### 1. Key Technical Specifications The following table summarizes the general electronic characteristics of the MEH series (specifically the 1W to 1.5W class modules): | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage** | +24V DC (typical for XAX variants) | | **Output Voltage** | 0 to 1.1kV (1100V) DC | | **Output Polarity** | Positive or Negative (Model specific) | | **Output Power** | ~1W to 1.5W | | **Control Interface** | Analog Voltage (0V to 5V or 10V) | | **Package Type** | PCB Mountable / Encapsulated | --- ### 2. Core Electronic Components & Architecture The internal circuitry of the MEH11XAX-R generally consists of four primary stages: 1. **Input Filter & Protection:** Contains capacitors and inductors to reduce input ripple and protect against reverse polarity or overcurrent from the DC source. 2. **DC-AC Inverter (Oscillator):** Uses a high-frequency switching circuit (often a Royer oscillator or PWM-driven MOSFET) to convert the low-voltage DC into a high-frequency AC signal. 3. **Step-Up Transformer:** A ferrite-core transformer that increases the AC voltage significantly based on the winding ratio. 4. **Voltage Multiplier (Cockcroft-Walton Circuit):** A network of high-voltage diodes and capacitors that rectifies the AC back to DC while simultaneously boosting the voltage to the final 1.1kV level. 5. **Feedback Control Loop:** A high-impedance voltage divider senses the output. This signal is sent back to an error amplifier to ensure the output remains stable despite changes in load or input voltage. --- ### 3. Pinout and Control Interface While exact pin numbering depends on the physical revision, these modules generally feature: * **Vcc/Vin:** Power input (usually +24V). * **GND:** Common ground for power and signals. * **V-cont (Control):** An analog input where a low voltage (e.g., 0-5V) linearly controls the high voltage output (0-1.1kV). * **V-mon (Monitor):** An output pin that provides a low-voltage representation of the actual high-voltage output for telemetry. * **HV Output:** The high-voltage lead or pin. --- ### 4. Applications Due to its small footprint and high stability, this part is commonly used in: * **Photomultiplier Tubes (PMT):** Providing the bias voltage for light detection. * **Electrostatic Chucks:** In semiconductor manufacturing. * **Mass Spectrometry:** For ion acceleration. * **Scanning Electron Microscopes (SEM):** For electron beam control.
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage requirement for the XAX-R suffix specifically?
    • ⤷ How do I calculate the scaling ratio for the V-mon (Monitor) pin?
    • ⤷ What are the mounting precautions to prevent arcing on a PCB?