データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH13XAD-R

  • AI
    The **MEH13XAD-R** is a specific model of an electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits to store energy in a magnetic field and filter noise. --- ### 1. Technical Specifications Below are the typical technical characteristics associated with this series of power inductors: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance Range** | Varies by specific sub-code (e.g., 1.0µH to 100µH) | | **Shielding** | Magnetic Shielding (reduces EMI) | | **Operating Temp** | -40°C to +125°C (standard automotive/industrial grade) | | **RoHS Status** | Compliant (Lead-free) | --- ### 2. Key Features * **High Current Capability:** Designed to handle significant DC currents without saturating the core quickly. * **Low DC Resistance (DCR):** Minimizes power loss as heat, increasing the overall efficiency of the power supply. * **Magnetic Shielding:** The construction includes a magnetic shield that prevents the magnetic flux from interfering with neighboring components on the PCB. * **Compact Footprint:** The "13" in the part number often refers to the physical dimensions (e.g., approximately 13mm x 13mm). --- ### 3. Applications The MEH13XAD-R is commonly found in the following electronic circuits: 1. **DC-DC Converters:** Used in buck or boost converters to smooth out voltage ripples. 2. **Laptops and Tablets:** Powering CPUs and GPUs where high current and low profile are required. 3. **Server Power Supplies:** Managing high-density power distribution. 4. **Automotive Electronics:** Used in infotainment systems or LED lighting drivers due to its robust temperature rating. --- ### 4. Part Number Breakdown (Generic Structure) While manufacturer codes vary slightly, the nomenclature usually follows this logic: * **MEH:** Series identifier (Magnetic Shielded High Current). * **13:** Physical size (e.g., 13mm width/length). * **XAD:** Material or design revision code. * **-R:** Usually indicates "RoHS Compliant" or "Tape & Reel" packaging for automated assembly. ---
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the MEH13XAD-R series?
    • ⤷ How does magnetic shielding improve PCB performance in power circuits?
    • ⤷ What are the recommended soldering profiles for this SMD inductor?