データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH13ZAD-R

  • AI
    The **MEH13ZAD-R** is a specific electronic component, typically categorized as a **DC-DC Converter** or a specialized **Power Module** often found in industrial automation or computing hardware (such as legacy server equipment or telecommunications gear). Below is a breakdown of its technical characteristics and internal parts structure. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like **Delta Electronics** or **Artesyn**), the "MEH" series generally follows these parameters: | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Isolated DC-DC Converter / Power Module | | **Mounting Type** | Through-Hole (PTH) | | **Input Voltage Range** | Typically 36V - 75V DC (Telecom standard) | | **Output Voltage** | Regulated low voltage (e.g., 1.2V, 1.5V, or 3.3V) | | **Efficiency** | > 85% | --- ### 2. Internal Electronic Architecture The "ZAD-R" suffix often denotes specific revision or RoHS compliance. Internally, the module consists of several sub-components: #### A. Power Conversion Stage * **MOSFETs:** High-frequency switching transistors (usually Gallium Nitride or Silicon) used to chop the DC input into a square wave. * **Transformer:** A planar transformer or small ferrite core used for galvanic isolation between the input and output circuits. * **Inductors:** High-current power inductors used for filtering and smoothing the output current. #### B. Control and Regulation * **PWM Controller IC:** The "brain" that monitors the output voltage and adjusts the duty cycle of the MOSFETs to maintain stability. * **Optocoupler:** Provides feedback across the isolation barrier without direct electrical contact. #### C. Passive Components * **Ceramic Capacitors (MLCC):** Used for high-frequency noise decoupling. * **Tantalum or Polymer Capacitors:** Used on the output stage for bulk energy storage and ripple reduction. --- ### 3. Pinout and Interface Most modules in this series utilize a standard footprint: 1. **Vin (+/-):** DC Input pins. 2. **Vout (+/-):** Regulated DC Output pins. 3. **Trim:** Allows the user to adjust the output voltage slightly using an external resistor. 4. **Enable/Remote On-Off:** A logic-level pin to turn the module on or off without disconnecting main power. --- ### 4. Common Applications * **Telecommunications:** Powering line cards and routers. * **Distributed Power Architectures (DPA):** Converting a 48V bus down to logic levels for CPUs and FPGAs. * **Industrial Controls:** Providing isolated power to sensitive sensor arrays. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact input/output voltage rating for your specific application?
    • ⤷ Do you need the pinout diagram for PCB integration?
    • ⤷ Are you looking for a modern equivalent or replacement part?