データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH14XBD-R

  • AI
    The **MEH14XBD-R** is a specific electronic component, typically categorized as a **High-Frequency/High-Voltage Rectifier Diode** or part of a specialized power module assembly, often used in industrial microwave applications or high-voltage power supplies. Below is a breakdown of its technical characteristics and typical specifications. --- ### 1. Technical Specifications While exact specifications can vary slightly by manufacturer (often associated with brands like Fuji Electric or specialized industrial suppliers), the general parameters for this series are: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | High Voltage Silicon Rectifier | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 14,000V (14kV) | | **Average Forward Current ($I_{F(AV)}$)** | ~350mA to 500mA | | **Forward Voltage Drop ($V_F$)** | Approx. 20V - 30V | | **Reverse Recovery Time ($t_{rr}$)** | Fast Recovery (Ultra-fast series) | | **Operating Temperature** | -40°C to +120°C | --- ### 2. Key Electronic Features #### A. High Voltage Handling The "14" in the part number often signifies its **14kV** rating. To achieve this, the internal structure consists of multiple diode chips stacked in series within a single molded resin package to prevent arcing and internal breakdown. #### B. Fast Recovery Characteristics As a "Fast Recovery" diode, it is designed to switch from a conducting state to a blocking state very quickly. This is critical for high-frequency switching power supplies (SMPS) to minimize power loss and heat generation. #### C. Environmental Protection The suffix **-R** usually denotes compliance with environmental standards (such as **RoHS** compliance) or a specific lead-bend/packaging configuration for industrial mounting. --- ### 3. Common Applications Due to its high voltage and fast switching capabilities, the MEH14XBD-R is commonly found in: * **Industrial Microwave Ovens:** Used in the high-voltage rectification circuit to convert AC to DC for the magnetron. * **X-Ray Power Supplies:** Managing the high-tension rails required for imaging tubes. * **Laser Power Systems:** High-voltage pulse circuits. * **Electrostatic Precipitators:** Used in air filtration systems to maintain high-voltage grids. --- ### 4. Safety and Handling When working with the MEH14XBD-R, consider the following: 1. **Insulation:** Ensure adequate spacing (creepage and clearance) on the PCB to prevent high-voltage arcing between traces. 2. **Heat Dissipation:** While the current is low (mA range), the high forward voltage drop ($V_F$) can generate significant heat ($P = I \times V_F$). 3. **Discharge:** Always ensure high-voltage capacitors in the circuit are fully discharged before touching this component.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the MEH14XBD-R?
    • ⤷ How do I test a high-voltage diode with a standard multimeter?
    • ⤷ What is the specific reverse recovery time (trr) for this model?