データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH22XAD-R

  • AI
    The **MEH22XAD-R** is a specific model number for a **Step Motor (Stepper Motor)**, typically manufactured by **Sanyo Denki** under their "Sanmotion" product line. It is a high-torque, 2-phase hybrid stepping motor widely used in precision motion control. Below is a breakdown of its electronic parts, specifications, and internal configuration. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Motor Type** | 2-Phase Hybrid Stepper Motor | | **Frame Size** | NEMA 17 (Approx. 42mm x 42mm) | | **Step Angle** | 1.8° per full step (200 steps per revolution) | | **Current Rating** | Typically 1.0A to 2.0A (varies by sub-version) | | **Connection Type** | Bipolar (usually 4-wire) | --- ### 2. Internal Electronic Components Although a stepper motor is an electromechanical device, its "electronic" identity lies in its internal winding and magnetic structure: #### A. Stator and Windings The motor contains **two independent phase windings**. * **Coils:** High-purity copper wire wound around the stator poles. * **Phase Configuration:** This model is designed for **Bipolar** operation, meaning current flows in both directions through the coils to reverse the magnetic polarity. #### B. Permanent Magnet Rotor * The rotor consists of a permanent magnet sandwiched between two "toothed" iron cups. * The interaction between the electronically controlled stator fields and these magnetic teeth is what creates the "stepping" motion. #### C. Wiring and Interface * **The "-R" Suffix:** Usually denotes a specific **Lead Wire** or **Connector** configuration (often a radial exit or a specific JST-style connector). * **Wire Colors:** Standard Sanyo Denki wiring is often: * **Phase A:** Red / Blue * **Phase B:** Yellow / White --- ### 3. Electronic Driving Requirements To operate the MEH22XAD-R, you require external electronic circuitry: 1. **Stepper Driver:** An H-Bridge based driver (e.g., A4988, DRV8825, or industrial Sanyo Denki drivers) is needed to switch the current between phases. 2. **Logic Controller:** A microcontroller (Arduino, PLC, or CNC Shield) to send "Step" and "Direction" pulses. 3. **DC Power Supply:** Typically 12V to 24V DC to ensure enough torque at high speeds. --- ### 4. Common Applications Due to its precise 1.8° step angle and NEMA 17 form factor, this part is found in: * **3D Printers:** Specifically for Extruders or X/Y axis movement. * **Medical Equipment:** Precise fluid pumping or sample positioning. * **Office Automation:** High-end scanners and photocopiers.
    ✨ Follow-up Questions
    • ⤷What is the specific torque rating for the MEH22XAD-R?
    • ⤷ Can this motor be used with a Unipolar stepper driver?
    • ⤷ How do I identify the A/B phase wires using a multimeter?