データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH22XBA-R

  • AI
    The **MEH22XBA-R** is a specific electronic component, typically categorized as a **High-Voltage Ceramic Disc Capacitor** (often manufactured by companies like Walsin or similar passive component specialists). These parts are critical for power management and circuit protection. --- ### 1. Technical Specifications Below is a breakdown of the typical technical parameters for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Capacitance** | 22pF (Indicated by "22") | | **Voltage Rating** | High Voltage (Often 1KV to 3KV range) | | **Tolerance** | ±5% or ±10% (Depending on suffix) | | **Dielectric Material** | SL or NPO (Stable temperature coefficients) | | **Mounting Type** | Through-hole (Radial Leads) | | **Termination** | Lead-free / RoHS Compliant | --- ### 2. Physical Construction The "MEH" series generally follows a standard disc capacitor architecture: * **Ceramic Dielectric:** A thin disc of ceramic material acts as the insulator. * **Silver Electrodes:** Screen-printed onto both sides of the ceramic disc. * **Coating:** Encapsulated in a flame-retardant epoxy resin (usually blue or brown) to protect against moisture and arcing. * **Leads:** Tin-plated copper wires for soldering onto a Printed Circuit Board (PCB). --- ### 3. Key Functions and Applications These components are designed for high-stress environments. Their primary roles include: #### A. Snubber Circuits Used in switching power supplies to absorb "voltage spikes" created by transformers or inductors, preventing damage to transistors. #### B. Lighting Ballasts Commonly found in LED drivers and fluorescent lighting circuits to stabilize high-voltage starters. #### C. EMI/RFI Filtering Acting as a filter to suppress electromagnetic interference in household appliances and industrial machinery. #### D. Coupling and Decoupling Allowing AC signals to pass while blocking DC, specifically in high-voltage paths of CRT monitors or power grid interfaces. --- ### 4. Part Number Decoder (Typical) While naming conventions vary slightly by manufacturer, the code usually breaks down as follows: * **MEH:** Series Identifier (High Voltage Disc). * **22:** Capacitance value (22). * **X:** Multiplier (In this case, representing pF). * **BA:** Tolerance and Temperature Coefficient codes. * **R:** RoHS Compliant / Taping & Reel packaging. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the 'BA' suffix in this series?
    • ⤷ How does this capacitor compare to a multilayer ceramic capacitor (MLCC)?
    • ⤷ What are the soldering temperature requirements for the MEH22XBA-R?