データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH23XBA-R

  • AI
    The **MEH23XBA-R** is a specific model of an **Electromagnetic Brake** (clutch/brake unit), typically manufactured by companies like **Miki Pulley**. These components are essential in industrial automation for stopping, holding, or indexing rotating shafts. --- ### 1. Key Technical Specifications The "MEH" series usually refers to high-torque, compact electromagnetic brakes. Below are the typical electronic and mechanical characteristics associated with this part number: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Electromagnetic Micro-Brake | | **Voltage** | 24V DC (Standard for "BBA/XBA" series) | | **Static Friction Torque** | ~0.4 Nm to 2.0 Nm (Depending on specific frame size) | | **Power Consumption** | Approx. 5W - 10W | | **Response Time** | High-speed engagement (usually <20ms) | | **Armature Type** | Zero-backlash design | --- ### 2. Core Electronic Components The internal construction of the MEH23XBA-R consists of several critical electronic and magnetic parts: 1. **Stator (Field Coil):** * The "heart" of the component. It consists of a copper wire coil encased in a metal housing. * When 24V DC is applied, it generates a magnetic field. 2. **Armature Assembly:** * A metal plate that is physically pulled toward the stator by the magnetic force. * It is often connected to a leaf spring to ensure a fast release when power is cut. 3. **Friction Disc/Lining:** * The material that creates the mechanical "grip" once the electromagnet is energized. 4. **Lead Wires:** * Usually two wires (non-polarized in most DC configurations) for connection to a PLC or power supply. --- ### 3. Functional Operation The MEH23XBA-R operates on the **Power-on Engagement** principle: * **State: OFF (0V DC):** The armature is held away from the friction face by a spring. The shaft is free to rotate. * **State: ON (24V DC):** Current flows through the coil, creating a magnetic flux. This flux pulls the armature against the friction hub, instantly stopping or holding the shaft. --- ### 4. Implementation Requirements To use this part in an electronic circuit, the following are required: * **DC Power Supply:** A stable 24V source. * **Flyback Diode:** Because the coil is an **inductor**, a diode (e.g., 1N4007) should be placed in parallel with the coil (pointing toward the positive rail) to prevent voltage spikes from damaging your controller when the brake is switched off. * **Switching Device:** A relay, MOSFET, or a PLC transistor output capable of handling the coil's current. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact torque rating for the size 23 MEH brake?
    • ⤷ Can this brake be used in a 'fail-safe' (power-off to brake) configuration?
    • ⤷ What are the recommended wiring diagrams for connecting this to a PLC?