データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH26XAX-R

  • AI
    The **MEH26XAX-R** is a specific model of an **Electromechanical Relay**, typically classified under the category of power relays or general-purpose industrial relays. These components are used to control a high-power circuit with a low-power signal. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Electromechanical Relay | Uses a physical coil and contacts. | | **Contact Form** | DPDT (2 Form C) | Double Pole Double Throw (switches two separate circuits). | | **Coil Voltage** | Variable (Check Housing) | Usually ranges from 12VDC to 240VAC depending on the sub-variant. | | **Contact Rating** | 10A - 15A | The maximum current the contacts can safely switch. | | **Mounting Style** | Plug-in / Socket | Designed to be inserted into a DIN-rail or panel socket. | | **Feature "R"** | Indicator/Reset | The "-R" suffix often denotes a **Mechanical Indicator** or a **Manual Push-to-test** button. | --- ### 2. Internal Electronic Structure The device consists of three main functional sections: #### A. The Input (The Coil) When voltage is applied to the input terminals, current flows through a copper wire coil, creating an electromagnetic field. This field pulls a metal armature toward the core. #### B. The Switching Mechanism (Contacts) * **Common (COM):** The moving part of the switch. * **Normally Closed (NC):** The contact that is connected when the relay is "off." * **Normally Open (NO):** The contact that connects only when the relay is "on." #### C. The Indicator Circuit In the **-R** version, there is usually a mechanical flag or an LED wired in parallel with the coil. This allows technicians to see if the relay is energized without using a multimeter. --- ### 3. Common Applications * **Industrial Automation:** Controlling motors, heaters, or solenoid valves. * **HVAC Systems:** Switching fans and compressors. * **Logic Isolation:** Protecting a sensitive PLC (Programmable Logic Controller) output from high-voltage spikes or heavy loads. --- ### 4. Wiring Diagram Concept ```text [ Coil Terminals ] (8) ----[UUUUU]---- (7) <-- Energize here [ Switching Terminals ] (1) COM <--> (3) NC (De-energized state) (1) COM ---- (5) NO (Energized state) ```
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for your MEH26XAX-R unit?
    • ⤷ Do you need the pinout diagram for a specific socket type?
    • ⤷ Are you looking for an equivalent replacement from a different brand?