データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH28XAD-R

  • AI
    The **MEH28XAD-R** is a high-performance **Peltier Module** (Thermoelectric Cooler or TEC). It is designed to transfer heat from one side of the device to the other using the Peltier effect, commonly used in precision temperature control for medical, laboratory, and industrial equipment. --- ### ## Technical Specifications Below is a breakdown of the typical electronic characteristics for the MEH28XAD-R series: | Parameter | Specification | | :--- | :--- | | **Max Current ($I_{max}$)** | ~3.0 A - 6.0 A (Depends on specific sub-variant) | | **Max Voltage ($V_{max}$)** | ~15.4 V | | **Max Temperature Diff ($\Delta T_{max}$)** | $\geq$ 67°C | | **Max Cooling Power ($Q_{max}$)** | Variable based on heat sink efficiency | | **Internal Resistance** | Low Ohm range (typically 2.0 - 4.0 $\Omega$) | | **Material** | Bismuth Telluride ($Bi_2Te_3$) | --- ### ## Core Electronic Components The device is solid-state and does not contain moving parts. Its construction consists of: 1. **Semiconductor Couples:** Rows of P-type and N-type Bismuth Telluride pellets connected electrically in series and thermally in parallel. 2. **Ceramic Substrates:** Usually Aluminum Oxide ($Al_2O_3$), providing electrical insulation while remaining thermally conductive. 3. **Lead Wires:** Insulated stranded wire, often color-coded (Red for Positive, Black for Negative). --- ### ## Operational Principles * **Heat Transfer:** When a DC current flows through the device, heat is absorbed at the "cold" junction and rejected at the "hot" junction. * **Reversibility:** By reversing the polarity of the DC power supply, the hot and cold sides are swapped. * **Control Method:** Pulse Width Modulation (PWM) or a variable DC power supply is used to regulate the cooling/heating intensity. ### ## Typical Applications * **Medical Devices:** Laser diode cooling and DNA amplification (PCR) thermal cycling. * **Optoelectronics:** Cooling CCD sensors to reduce thermal noise. * **Industrial:** Precision cooling for high-speed processors or laboratory reagents. ---
    ✨ Follow-up Questions
    • ⤷What is the recommended heat sink size for the MEH28XAD-R?
    • ⤷ Can I use PWM to control the temperature of this Peltier module?
    • ⤷ What are the common failure modes for this specific TEC model?