データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH52XAA-R

  • AI
    The **MEH52XAA-R** is a specific model of an **External Rotor Axial Fan**, typically manufactured by companies like **Fulltech Electric**. These fans are engineered for high-efficiency cooling in industrial environments, telecommunications, and power supplies. --- ### 1. Technical Specifications The following table outlines the primary electronic and mechanical characteristics of the MEH52XAA-R: | Parameter | Specification | | :--- | :--- | | **Motor Type** | External Rotor Motor (AC) | | **Voltage** | 230V AC (Standard Range 220-240V) | | **Frequency** | 50 / 60 Hz | | **Bearing System** | Dual Ball Bearing | | **Frame Material** | Die-cast Aluminum | | **Impeller Material** | Thermoplastic (PBT) or Metal (variant dependent) | | **Termination** | Lead Wires (R denotes specific wiring/rotation config) | --- ### 2. Key Electronic Components & Features #### A. External Rotor Motor Design Unlike traditional motors where the rotor is inside the stator, the MEH52XAA-R uses an **external rotor**. - **Benefit:** The fan blades are attached directly to the outer rotating shell. This provides superior heat dissipation for the motor itself and a more compact axial depth. #### B. Capacitive Start/Run As an AC fan, it utilizes an internal or integrated permanent split capacitor (PSC) system. This ensures a higher power factor and smoother torque during the startup phase, reducing the "inrush" current that can stress electronic circuits. #### C. Thermal Protection The "X" and "A" designations often refer to safety ratings. This model typically includes **Impedance Protection** or **Thermal Cut-offs**. - If the fan blades are obstructed (locked rotor), the internal electronics prevent the coils from overheating and catching fire by limiting the current flow. #### D. Ball Bearing System The "Dual Ball Bearing" system is electronically significant because it reduces friction. In electronic cooling, this results in: - Lower power consumption. - Extended MTBF (Mean Time Between Failure), usually rated at **50,000+ hours**. --- ### 3. Wiring and Integration The MEH52XAA-R is usually integrated into a system via a 2-wire or 3-wire configuration: ```yaml Wiring_Layout: Red/Brown: Line (Live) Blue/Black: Neutral Green/Yellow: Ground (Frame) ``` *Note: Some "R" variants may include a "Rotation Detector" (RD) or "Frequency Generator" (FG) signal wire, which allows an external controller to monitor if the fan has slowed down or stopped.* ---
    ✨ Follow-up Questions
    • ⤷ What are the airflow (CFM) ratings for the MEH52XAA-R at 50Hz vs 60Hz?
    • ⤷ How does an external rotor motor differ from a standard shaded-pole motor in terms of efficiency?
    • ⤷ Are there DC-equivalent models for the MEH52XAA-R series?