データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH52XAX-R

  • AI
    The **MEH52XAX-R** is a high-performance, industrial-grade **Incremental Rotary Encoder** manufactured by **BEI Sensors (Sensata Technologies)**. This specific model belongs to the MEH52 series, which is known for its hollow-shaft design and robust feedback capabilities for motor control. --- ### 1. Key Technical Specifications The part number reveals specific electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Outer Diameter** | 52 mm | | **Bore Size** | Typically 8mm to 15mm (depending on specific sub-variant) | | **Output Channels** | A, B, and Index (Z) with compliments (A/, B/, Z/) | | **Supply Voltage** | 5V DC or 8-28V DC (Application dependent) | | **Pulse Rate** | Varies (Commonly up to 2500 - 5000 PPR) | | **Termination** | Radial or Axial Cable/Connector | --- ### 2. Electronic Components & Working Principle The MEH52XAX-R operates using **Optical Sensing Technology**. Inside the unit, several critical electronic subsystems work together: #### A. The Light Source and Sensor Array * **LED Emitter:** A high-reliability infrared LED projects light through a rotating coded disc. * **Photodetector ASIC:** A custom Integrated Circuit (IC) receives the light. It converts the optical pulses into electrical signals. #### B. Signal Processing (Line Drivers) The "XAX" portion of the part number often refers to the electronic output configuration. * **Differential Signals:** It typically uses **Differential Line Drivers (RS-422 compatible)**. This means for every signal (A, B, Z), there is an inverted signal (/A, /B, /Z). * **Noise Immunity:** By using differential pairs, the encoder can transmit data over long cables without interference from electromagnetic noise (EMI). #### C. Quadrature Output The electronics output two square waves (Channel A and B) phased **90 degrees apart**. * **Direction Sensing:** By detecting which channel leads (A before B or vice versa), the controller determines the direction of rotation. * **Resolution Enhancement:** Controllers can count the rising and falling edges of both channels to quadruple (4x) the effective resolution. --- ### 3. Connection Interface The "R" suffix often denotes the orientation or type of connector/cable exit (typically **Radial**). * **Vcc:** Power supply. * **GND:** Common ground. * **A / A-not:** Incremental pulse. * **B / B-not:** Directional pulse. * **Z / Z-not:** Index pulse (one pulse per full 360° revolution). --- ### 4. Typical Applications Because of its hollow-shaft design and high-speed electronics, the MEH52XAX-R is commonly found in: 1. **AC Induction Motors:** For closed-loop vector control. 2. **Servo Systems:** Providing precise position and velocity feedback. 3. **Elevator Technology:** Controlling traction motor speed. 4. **Factory Automation:** Synchronizing conveyor belts or robotic arms.
    ✨ Follow-up Questions
    • ⤷ What is the specific PPR (Pulses Per Revolution) for the MEH52XAX-R variant?
    • ⤷ How does the 'Hollow Shaft' mounting differ from a 'Solid Shaft' encoder in terms of installation?
    • ⤷ What are the common failure modes for optical encoders in high-vibration environments?