データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH52ZBA-R

  • AI
    The **MEH52ZBA-R** is a specific model of an **Incremental Rotary Encoder**, typically manufactured by companies like *Nemicon* or related industrial automation brands. These components are used to translate the mechanical rotation of a shaft into electrical pulses. --- ## 1. Technical Specifications The following table outlines the typical electrical and mechanical characteristics associated with this part number: | Feature | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Output Phase** | Usually A, B, and Z (Index) phases | | **Resolution** | Pulse rate depends on specific sub-configuration (often 100–5000 PPR) | | **Supply Voltage** | Typically 5V DC or 12-24V DC (Model dependent) | | **Output Type** | Push-Pull, Open Collector, or Line Driver | | **Shaft Diameter** | 6mm or 8mm (Standard hollow/solid shaft options) | | **Response Frequency** | Up to 100 kHz | --- ## 2. Key Electronic Components The internal electronics of the MEH52ZBA-R consist of several critical stages: ### A. The Optical Sensor Assembly * **LED Emitter:** An infrared LED that provides a constant light source. * **Code Disc:** A high-precision glass or plastic disc with etched slits. As it rotates, it chops the light beam. * **Photo-detector:** An array of photodiodes that convert the pulses of light into small electrical currents. ### B. Signal Processing Circuitry * **Amplifier:** Boosts the weak signals from the photodiodes. * **Comparator (Schmitt Trigger):** Squares the analog sine/cosine waves into clean digital "Square Waves" to prevent false triggering from noise. ### C. Output Driver Stage The "R" in the suffix often denotes the specific output circuit or connector orientation. Common configurations include: * **Line Driver (RS-422):** Used for long-distance transmission and high noise immunity. * **Totem Pole / Push-Pull:** Compatible with most PLC high-speed counter inputs. --- ## 3. Wiring and Pinout (General Guide) *Note: Always verify with the specific datasheet for your unit's color code.* | Wire Color | Signal | Description | | :--- | :--- | :--- | | **Red** | Vcc | Power Supply (+) | | **Black** | GND | Ground (0V) | | **White** | Phase A | Main pulse signal | | **Green** | Phase B | 90° shifted signal (for direction sensing) | | **Yellow** | Phase Z | Index pulse (once per revolution) | | **Shield** | FG | Frame Ground / Noise protection | --- ## 4. Application Use Cases 1. **Motor Feedback:** Attached to the back of servo or stepper motors to track position. 2. **Conveyor Speed:** Measuring the linear speed of belts in manufacturing. 3. **CNC Machinery:** Providing precision coordinates for X, Y, or Z axes.
    ✨ Follow-up Questions
    • ⤷What is the maximum Pulse Per Revolution (PPR) supported by the MEH52 series?
    • ⤷ How do I troubleshoot a 'No Signal' error from this encoder?
    • ⤷ What is the difference between the 'Open Collector' and 'Line Driver' output options for this model?