データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH53XAA-R

  • AI
    The **MEH53XAA-R** is a specific model of an **Axial Fan**, typically manufactured by companies like **Nidec (UltraFlo)** or used in specialized thermal management systems for servers and industrial equipment. Below is a detailed breakdown of its electronic and mechanical specifications. --- ### 1. General Specifications The MEH53XAA-R is designed for high-performance cooling, characterized by high RPM and static pressure capabilities. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | DC Axial Fan | | **Voltage** | 12V DC | | **Current/Power** | High Ampere (often 1.0A to 3.0A range) | | **Bearing Type** | Dual Ball Bearing (for longevity) | | **Termination** | 4-Wire (PWM Control + Tachometer) | --- ### 2. Electronic Components & Features The "R" suffix and the internal circuitry of this series usually indicate advanced control features: #### A. Integrated Circuit (IC) Controller The fan contains a built-in **Brushless DC (BLDC) motor controller**. This IC handles the electronic commutation, eliminating the need for physical brushes and reducing electronic noise and wear. #### B. 4-Wire Interface (Control & Feedback) Unlike simple 2-wire fans, the MEH53XAA-R utilizes a 4-pin configuration: 1. **VCC (+12V):** Main power supply. 2. **GND:** Ground. 3. **Tachometer (Sensor):** Outputs a frequency signal proportional to the fan speed, allowing the system to monitor if the fan has stalled or slowed down. 4. **PWM (Pulse Width Modulation):** Allows the motherboard or controller to dynamically adjust the fan speed from 0% to 100% duty cycle. #### C. Protection Circuitry The internal PCB (Printed Circuit Board) typically includes: * **Locked Rotor Protection:** Automatically cuts or pulses power if the blades are obstructed to prevent the motor coils from burning out. * **Reverse Polarity Protection:** Prevents damage if the positive and negative wires are accidentally swapped. * **Soft Start:** Gradually increases current during startup to prevent power spikes on the host system. --- ### 3. Applications Due to its high-power draw and "AA" designation (often implying high-performance tiers), this part is commonly found in: * **Enterprise Servers:** Cooling high-density CPU/GPU racks. * **Network Switches:** High-speed data equipment. * **Industrial Power Supplies:** Where high static pressure is needed to push air through dense components. --- ### 4. Component Identification Code The model number can be decoded as follows: * **MEH:** Series designation (High-speed/High-pressure). * **53:** Frame size (often relating to 40mm or 50mm depth/width dimensions). * **X/AA:** Performance and Revision grade. * **-R:** Restricted/RoHS compliant or specific "Reverse" airflow/Rotation logic.
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions and CFM rating for the MEH53XAA-R?
    • ⤷ How do I wire the 4-pin connector to a standard microcontroller like an Arduino?
    • ⤷ What is the expected MTBF (Mean Time Between Failures) for this fan model?