データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH53XBD-R

  • AI
    The **MEH53XBD-R** is a high-performance, magnetic modular encoder manufactured by **CUI Devices** (formerly CUI Inc.). It belongs to the MEH53 series, designed to provide precise rotary feedback for motion control systems, particularly in BLDC (Brushless DC) motor applications. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Encoder Type** | Incremental / Magnetic | | **Resolution** | Programmable up to 4096 PPR (Pulses Per Revolution) | | **Output Signals** | A, B, Z (Index), U, V, W (Commutation) | | **Supply Voltage** | 5V DC | | **Output Type** | Line Driver (RS-422 compatible) | | **Max Speed** | Up to 8,000 RPM | | **Shaft Diameter Support** | Modular (various sleeves available) | --- ### 2. Core Electronic Components & Architecture The device functions through several integrated electronic layers: #### A. Magnetic Sensing Element Unlike optical encoders that use a LED and a disk with slits, the MEH53XBD-R uses a **Hall-effect sensor array**. It detects the rotation of a magnetic target attached to the motor shaft. * **Advantage:** Immune to dust, oil, and environmental contaminants that would fail an optical sensor. #### B. Signal Processing ASIC The internal Application-Specific Integrated Circuit (ASIC) performs the following: * **Interpolation:** It converts the raw analog sine/cosine waves from the magnetic sensor into high-resolution digital pulses. * **Commutation Logic:** It generates **U, V, and W signals**, which are essential for the electronic commutation of Brushless DC motors, replacing the need for separate Hall sensors inside the motor. #### C. Line Driver Output The "R" in the suffix often denotes a **Differential Line Driver** output. * It sends complementary signals (e.g., A and A-inverted). * **Benefit:** This significantly reduces Electromagnetic Interference (EMI) and allows for longer cable runs without signal degradation. --- ### 3. Pinout and Connection Structure The electronic interface usually consists of a high-density connector. The typical signal groups are: 1. **Power:** VCC (5V) and GND. 2. **Incremental:** Channels A, B, and Z (Index pulse for homing). 3. **Commutation:** Channels U, V, and W (for motor phase alignment). 4. **Differential Pairs:** Each signal has a corresponding negative (inverted) signal for noise immunity. --- ### 4. Typical Applications * **Industrial Automation:** Servo motor feedback. * **Robotics:** Joint position and speed control. * **Medical Equipment:** High-precision pumps and scanning arms. * **CNC Machinery:** Spindle and axis monitoring.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a magnetic encoder and an optical encoder in terms of reliability?
    • ⤷ How do the U
    • ⤷ V
    • ⤷ and W commutation signals assist in BLDC motor control?
    • ⤷ What type of cable shielding is recommended for the MEH53XBD-R line driver output?