データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH53ZBD-R

  • AI
    The **MEH53ZBD-R** is a specific model of an **EC (Electronically Commutated) Axial Fan**, typically manufactured by companies like **Fulltech Electric**. These fans are widely used in industrial cooling, telecommunications, and refrigeration due to their high efficiency and integrated control logic. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Technical Specifications The "MEH" series usually signifies a high-efficiency EC motor design. Here are the typical parameters for this specific part number: | Parameter | Specification (Typical) | | :--- | :--- | | **Motor Type** | EC (Electronically Commutated) | | **Input Voltage** | 230V AC (Standard Range: 200V - 240V) | | **Frequency** | 50 / 60 Hz | | **Bearing System** | Dual Ball Bearing | | **Frame Material** | Die-cast Aluminum | | **Impeller Material** | Thermoplastic (PBT) or Metal | | **Safety Features** | Thermal Protection / Locked Rotor Protection | --- ## 2. Key Electronic Components Unlike standard AC fans that run directly off the line voltage, the MEH53ZBD-R contains an integrated PCB (Printed Circuit Board) that manages power conversion and motor control. ### A. Integrated Inverter Bridge Since the motor is internally a DC brushless motor, the electronics include a bridge rectifier and an inverter. This converts the incoming **AC power to DC**, then uses pulse-width modulation (PWM) to drive the motor phases. ### B. Commutation Logic (Hall Effect Sensors) The unit uses electronic sensors (or back-EMF sensing) to determine the position of the rotor. This ensures the magnetic field is switched at the precise moment to maintain rotation and torque efficiency. ### C. Protection Circuitry * **Locked Rotor Protection:** If the fan blades are obstructed, the electronics detect the spike in current/loss of rotation and shut down power to the coils to prevent burnout. * **Over-voltage/Transient Protection:** Includes MOVs (Metal Oxide Varistors) to protect the internal silicon from voltage spikes on the AC line. --- ## 3. Wiring Configuration The "R" suffix often indicates specific lead-wire configurations or environmental ratings. Generally, these fans feature: 1. **Power Leads:** Two or three wires (Line, Neutral, and sometimes Ground). 2. **Optional Signal Wires:** Some versions may include a third/fourth wire for: * **FG (Frequency Generator):** A tachometer output to monitor RPM. * **RD (Rotation Detection):** An alarm signal if the fan stops. --- ## 4. Advantages of this Electronic Design * **Energy Efficiency:** Consumes up to 70% less energy than traditional shaded-pole AC fans. * **Lower Operating Temperature:** The electronics optimize current flow, leading to less heat generation in the motor windings. * **Global Compatibility:** The electronic controller can often handle a wide range of input voltages and frequencies without changing fan speed.
    ✨ Follow-up Questions
    • ⤷ What is the airflow (CFM) rating for the MEH53ZBD-R model?
    • ⤷ Can this fan be controlled via an external PWM signal for speed adjustment?
    • ⤷ What are the mounting dimensions for the 53Z series housing?