データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH58XAA-R

  • AI
    The **MEH58XAA-R** is a high-performance **Optical Rotary Encoder** manufactured by **Hengstler**. It is specifically designed for integration into brush-less servo motors to provide precise feedback regarding speed and position. --- ### 1. Technical Specifications The following table highlights the core electronic and mechanical parameters of the device: | Feature | Specification | | :--- | :--- | | **Type** | Incremental Optical Encoder | | **Resolution** | Up to 2048 Lines (PPR) | | **Supply Voltage** | DC 5V ± 10% | | **Output Signals** | A, B, N (Index) and Commutation (U, V, W) | | **Signal Format** | RS422 (Differential Line Driver) | | **Max Frequency** | 200 kHz | | **Operating Temperature** | -20°C to +120°C | --- ### 2. Key Electronic Components & Functions The internal circuitry of the MEH58XAA-R consists of several critical electronic stages: #### A. Optical Sensor Array * **Infrared LED:** Acts as the light source. * **Code Disc:** A high-precision glass disc that interrupts the light beam to create pulses. * **Photo-detectors:** Convert the light pulses into low-level electrical currents. #### B. Signal Processing (ASIC) * The raw analog signals from the photo-detectors are fed into an internal **ASIC (Application-Specific Integrated Circuit)**. * This chip performs **interpolation** (increasing resolution) and **digitization** (converting sine/cosine waves into square waves). #### C. Output Drivers (Line Drivers) * The device uses **RS422 differential line drivers**. * **Why?** This allows the encoder to transmit data over long cables while remaining immune to electromagnetic interference (EMI) commonly found in industrial environments. #### D. Commutation Signals (U, V, W) * Unlike standard encoders, the "XAA" series often includes integrated **Hall-effect simulation** (Commutation signals). * These signals are used by the Motor Drive to synchronize the phase current with the rotor position of a Brushless DC (BLDC) motor. --- ### 3. Wiring Configuration The MEH58XAA-R typically uses a multi-core shielded cable. While colors may vary based on custom orders, the standard functional pinout includes: ```yaml Power: - Vcc (5V) - GND (0V) Incremental Signals: - Phase A / Phase A-inv - Phase B / Phase B-inv - Phase N / Phase N-inv (Reference Index) Commutation Signals: - Phase U / U-inv - Phase V / V-inv - Phase W / W-inv ``` --- ### 4. Application Context The "R" suffix often denotes specific mechanical mounting (such as a tapered shaft or specific spring plate). This encoder is most commonly found in **Siemens, Yaskawa, or Fanuc** compatible servo motor assemblies where high-temperature resilience and high-speed feedback are mandatory.
    ✨ Follow-up Questions
    • ⤷How do I troubleshoot a 'Signal Loss' error on this encoder?
    • ⤷ What is the difference between the 5V and 24V versions of Hengstler encoders?
    • ⤷ How do I align the U
    • ⤷ V
    • ⤷ W commutation signals with the motor poles?