データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH58XBD-R

  • AI
    The **MEH58XBD-R** is a high-performance industrial rotary encoder, typically manufactured by brands like **Tamagawa Seiki**. It is specifically designed for precise position and speed sensing in motion control systems, such as AC servo motors. --- ### 1. Key Technical Specifications The following table outlines the core electronic and mechanical attributes of the MEH58XBD-R: | Feature | Specification | | :--- | :--- | | **Type** | Incremental Rotary Encoder | | **Resolution** | Usually 2000 to 2500 pulses per revolution (PPR) | | **Output Signals** | A, B, Z (Index) + Commutation signals (U, V, W) | | **Supply Voltage** | DC 5V ± 5% | | **Output Type** | Line Driver (RS-422 compliant) | | **Body Diameter** | 58mm (Standard Industrial Size) | | **Shaft Type** | Hollow Shaft (usually with a leaf spring or "taper" mount) | --- ### 2. Functional Breakdown #### A. Incremental Output (A, B, Z) The encoder generates pulses as the shaft rotates. - **A and B phases** are offset by 90 electrical degrees (quadrature). This allows the controller to determine both the distance traveled and the **direction** of rotation. - **Z phase** (Index) provides one pulse per full revolution, used as a reference point or "home" position. #### B. Commutation Signals (U, V, W) Unlike standard encoders, the "BD" variant often includes commutation tracks. These tracks mimic the Hall effect sensors used in brushless DC (BLDC) motors to inform the motor drive about the rotor's magnetic position for efficient current switching. #### C. Line Driver Interface The "R" in the suffix usually denotes a **Line Driver** output. - It sends differential signals (e.g., A and /A). - This is critical for industrial environments because it provides high noise immunity and supports long cable runs without signal degradation. --- ### 3. Connection and Wiring The device typically uses a multi-core shielded cable. While wire colors can vary by manufacturing batch, the standard logical pinout is: ```yaml Power: - VCC: Red (DC 5V) - GND: Black (0V) Incremental: - Phase A: White | Phase /A: White/Black - Phase B: Green | Phase /B: Green/Black - Phase Z: Yellow | Phase /Z: Yellow/Black Commutation: - Phase U: Brown | Phase /U: Brown/Black - Phase V: Blue | Phase /V: Blue/Black - Phase W: Orange | Phase /W: Orange/Black ``` --- ### 4. Common Applications * **Servo Motors:** Used as a feedback device for closed-loop control. * **CNC Machinery:** Provides precise positioning for X, Y, or Z axes. * **Robotics:** Monitors joint angles and velocity.
    ✨ Follow-up Questions
    • ⤷ How do I test the line driver output using an oscilloscope?
    • ⤷ What are the common failure symptoms for the MEH58 series?
    • ⤷ Can this encoder be replaced with a different PPR resolution if the controller allows it?