データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH58ZAX-R

  • AI
    Based on the product code **MEH58ZAX-R**, this component is a high-precision **Heavy-Duty Optical Incremental Rotary Encoder**, typically manufactured by companies like **Hengstler** or under specific industrial brands. These devices are used to translate mechanical rotation into electrical pulses for motion control. --- ### ## Technical Specifications Overview The part number can be broken down into specific electronic and mechanical characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | MEH58 | 58mm Diameter Industrial Standard Housing | | **Type** | Incremental | Provides pulse-based feedback for speed and position | | **Shaft Style** | Hollow Shaft | Designed to be mounted directly onto a motor shaft | | **Mounting** | Z (Stator Coupling) | Uses a flexible spring plate (stator) to allow for axial/radial play | | **Output Type** | AX | Typically refers to Push-Pull or Differential Line Driver signals | | **RoHS** | R | RoHS Compliant (Lead-free) | --- ### ### Electronic Components & Operation #### 1. The Sensing Element The core of the MEH58 series involves an **Optical Disc** (Code Wheel) and an LED light source. * **Photo-transistor Array:** As the shaft rotates, the disc interrupts the light beam. * **Pulse Generation:** The photo-sensors convert light interruptions into square wave electrical signals. #### 2. Signal Channels Most encoders in this range provide several output channels: * **A and B Channels:** Two signals offset by 90° (Quadrature). This allows the controller to determine the **direction** of rotation. * **Z (Index) Channel:** A "Reference" pulse that occurs once per full 360° revolution, used for homing the machine. #### 3. Output Circuitry (The "AX" Designation) The electronic output stage is usually a **Line Driver (RS422 compatible)**: * **Voltage Range:** Typically 5V DC or 10-30V DC. * **Signal Integrity:** It outputs differential signals (A, /A, B, /B, Z, /Z). This provides high noise immunity, essential for long cable runs in industrial environments. --- ### ### Common Applications Because of its robust 58mm design, the MEH58ZAX-R is commonly found in: 1. **CNC Machinery:** For precise spindle or axis positioning. 2. **Elevator Systems:** To monitor motor speed and floor leveling. 3. **Conveyor Systems:** Synchronizing multiple motor speeds in a production line. 4. **Factory Automation:** Feedback loops for PLCs (Programmable Logic Controllers). --- ### ### Wiring Pinout (General Example) *Note: Always refer to the specific datasheet provided by the manufacturer for your serial number.* ```text Pin/Wire Color | Function ---------------|------------------ Red | Vcc (Supply Voltage) Black | GND (0V) Brown | Channel A Green | Channel B Yellow | Channel Z (Index) Orange/White | Inverted Channels (/A, /B, /Z) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum pulses per revolution (PPR) supported by the MEH58 series?
    • ⤷ How does the 'Z' stator coupling differ from a 'flange' mount in terms of mechanical installation?
    • ⤷ What is the difference between a Push-Pull and a Line Driver output stage in these encoders?