データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH68XBA-R

  • AI
    The **MEH68XBA-R** is a specific model of an **LCD Controller Board** (often referred to as an AD Board or Main Board) commonly used in industrial monitors, kiosks, and medical displays. Below is a breakdown of its electronic components and functional architecture. --- ## 1. Core Technical Specifications The board acts as the "brain" of a display, converting incoming video signals into a format (LVDS/eDP) that the LCD panel can interpret. | Component Category | Specification / Details | | :--- | :--- | | **Main Chipset** | Typically uses a Mstar or Realtek-based scaler IC for image processing. | | **Input Interfaces** | VGA (D-Sub 15pin), HDMI (1.4/2.0), DisplayPort (optional). | | **Output Interface** | Dual-channel LVDS (30-pin or 40-pin) supporting up to 1920x1080 resolution. | | **Power Input** | +12V DC (standard barrel jack or 4-pin internal header). | | **Audio** | Integrated stereo amplifier (typically 2W - 5W per channel). | --- ## 2. Key Electronic Sections ### A. Power Management Circuit This section regulates the incoming 12V DC into various voltages required by the internal logic: * **5V/3.3V Rails:** For the main processor and memory. * **Panel Power (VCCS):** Usually selectable via a jumper (3.3V, 5V, or 12V) to match the requirements of the attached LCD panel. * **Buck Converters:** High-efficiency DC-DC step-down converters to minimize heat. ### B. Signal Processing (The Scaler) The central IC performs several critical tasks: 1. **Analog-to-Digital Conversion (ADC):** Converts VGA signals into digital data. 2. **Scaling:** Resizes the input image to match the native resolution of the screen. 3. **OSD Engine:** Generates the On-Screen Display menu for brightness, contrast, and color settings. ### C. Backlight Control Interface Standard 6-pin or 10-pin header used to control the LED driver (inverter): * **ENA (Enable):** Turns the backlight on/off. * **PWM/ADJ:** Controls brightness via Pulse Width Modulation or analog voltage. --- ## 3. Peripheral Connectors The board features several internal headers for integration into custom enclosures: * **Keypad Interface:** Connects to the physical buttons (Power, Menu, Source, Up/Down). * **IR Receiver:** For remote control functionality. * **Speaker Out:** Left and Right channel headers for internal speakers. * **Firmware Port:** Often a 4-pin UART or USB-based header for flashing firmware updates. --- ## 4. Typical Application Workflow 1. **Input:** User connects a PC via **HDMI**. 2. **Conversion:** The **MEH68XBA-R** processes the signal and applies user color preferences. 3. **Output:** The board sends the processed image through the **LVDS cable** to the LCD glass. 4. **Lighting:** Simultaneously, it sends a **PWM signal** to the backlight driver to illuminate the screen at the desired brightness level.
    ✨ Follow-up Questions
    • ⤷ What is the maximum resolution supported by the MEH68XBA-R?
    • ⤷ How do I configure the jumper settings for panel voltage on this board?
    • ⤷ Can this controller board be used with 4K eDP panels?