データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MEH71ZAD-R

  • AI
    The **MEH71ZAD-R** is a specific model of an **IGBT (Insulated Gate Bipolar Transistor) Power Module**, typically manufactured by **Mitsubishi Electric**. These modules are designed for high-power switching applications, often found in industrial motor drives, renewable energy systems, and large-scale power supplies. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for this series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | IGBT Module (Dual / Half-Bridge) | | **Voltage Rating ($V_{CES}$)** | 600V or 1200V (depending on the specific sub-series) | | **Current Rating ($I_C$)** | 75A to 150A range | | **Configuration** | 2-pack (Half-bridge) or Single Switch | | **Package Style** | Low-profile module with screw terminals | | **Cooling** | Isolated Baseplate (for mounting to heatsinks) | --- ### 2. Functional Components The module consists of several integrated electronic parts working in unison: 1. **IGBT Chips:** The core switching elements that combine the high input impedance of a MOSFET with the low saturation voltage of a bipolar transistor. 2. **FWD (Free-Wheeling Diodes):** Connected in anti-parallel with the IGBTs to protect the silicon from inductive voltage spikes (back-EMF) when the switch turns off. 3. **Thermistor (NTC):** Most "ZAD" series modules include an internal Negative Temperature Coefficient resistor for real-time temperature monitoring and thermal protection. 4. **Ceramic Substrate:** Provides high electrical isolation (usually up to 2500V AC) while maintaining high thermal conductivity to move heat away from the chips. --- ### 3. Common Applications Due to its robust power handling, the MEH71ZAD-R is used in: * **AC Drive Inverters:** Controlling the speed of industrial electric motors. * **Servo Amplifiers:** High-precision motion control in robotics. * **Uninterruptible Power Supplies (UPS):** Converting DC battery power back to AC. * **Welding Machines:** Managing high-current output for arc stability. --- ### 4. Installation and Safety Notes * **Gate Drive:** Requires a dedicated Gate Driver IC to provide the necessary voltage (usually +15V) and current to charge the gate capacitance. * **Thermal Paste:** Must be applied evenly to the baseplate before mounting to a heatsink to prevent localized overheating. * **Snubber Circuits:** External capacitors are often recommended across the DC bus terminals to minimize "ringing" or voltage overshoots during high-speed switching.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the MEH71ZAD-R module?
    • ⤷ How do I test if the IGBT chips in this module are shorted?
    • ⤷ What is the specific pinout configuration for the gate and emitter terminals?